Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3737 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N3737
Description  NPN SILICON SWITCHING TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3737 Datasheet(HTML) 3 Page - Microsemi Corporation

  2N3737 Datasheet HTML 1Page - Microsemi Corporation 2N3737 Datasheet HTML 2Page - Microsemi Corporation 2N3737 Datasheet HTML 3Page - Microsemi Corporation 2N3737 Datasheet HTML 4Page - Microsemi Corporation 2N3737 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
T4-LDS-0173 Rev. 1 (101069)
Page 3 of 5
PACKAGE DIMENSIONS
2N3735 Dimensions TO-39
2N3735L Dimensions TO-5
FIGURE 1: Physical dimensions – TO-39, TO-5
Dimensions
Ltr
Inches
Millimeters
Notes
Min
Max
Min
Max
CD
.305
.355
7.75
9.02
CH
.240
.260
6.10
6.60
HD
.355
.370
9.02
9.40
LC
.200 TP
5.08 TP
6
LD
.016
.021
0.41
0.53
7
LL
1.500
1.750
38.10
44.45
7
LU
.016
.019
0.41
0.48
7
L1
.050
1.27
7
L2
.250
6.35
7
P
.100
2.54
TL
.029
.045
0.74
1.14
3
TW
.028
.034
0.71
0.86
9
Q
.040
1.02
4
R
.010
0.25
10
α
45° TP
45° TP
6
Dimensions
Ltr
Inches
Millimeters
Notes
Min
Max
Min
Max
CD
.305
.355
7.75
9.02
CH
.240
.260
6.10
6.60
HD
.355
.370
9.02
9.40
LC
.200 TP
5.08 TP
6
LD
.016
.021
0.41
0.53
7
LL
.500
.750
12.70
19.05
7
LU
.016
.019
0.41
0.48
7
L1
.050
1.27
7
L2
.250
6.35
7
P
.100
2.54
TL
.029
.045
0.74
1.14
3
TW
.028
.034
0.71
0.86
9
Q
.040
1.02
4
r
.010
0.25
10
α
45° TP
45° TP
6


Similar Part No. - 2N3737

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3737 SEMICOA-2N3737 Datasheet
46Kb / 2P
   Type 2N3737 Geometry TBD Polarity NPN
logo
Motorola, Inc
2N3737 MOTOROLA-2N3737 Datasheet
126Kb / 4P
   UHF/VHF TRANSISTOR PMP SILICON
logo
Central Semiconductor C...
2N3737 CENTRAL-2N3737 Datasheet
54Kb / 1P
   Small Signal Transistors
logo
Semicoa Semiconductor
2N3737 SEMICOA-2N3737 Datasheet
211Kb / 2P
   Silicon NPN Transistor
logo
Microsemi Corporation
2N3737 MICROSEMI-2N3737 Datasheet
184Kb / 5P
   NPN SILICON SWITCHING TRANSISTOR
More results

Similar Description - 2N3737

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
   Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
   Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
   NPN Silicon Switching Transistor
Nov-30-2001
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
   NPN Silicon Switching Transistor
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
   Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
   Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
STMicroelectronics
MJE13007A STMICROELECTRONICS-MJE13007A Datasheet
63Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com