Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-403GD2B-1A Datasheet(PDF) 3 Page - Lucky Light Electronic

Part # LL-403GD2B-1A
Description  Yellow Green LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-403GD2B-1A Datasheet(HTML) 3 Page - Lucky Light Electronic

  LL-403GD2B-1A Datasheet HTML 1Page - Lucky Light Electronic LL-403GD2B-1A Datasheet HTML 2Page - Lucky Light Electronic LL-403GD2B-1A Datasheet HTML 3Page - Lucky Light Electronic LL-403GD2B-1A Datasheet HTML 4Page - Lucky Light Electronic LL-403GD2B-1A Datasheet HTML 5Page - Lucky Light Electronic LL-403GD2B-1A Datasheet HTML 6Page - Lucky Light Electronic LL-403GD2B-1A Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Luckylight
Spec No.: B404 X430
Rev No.: V.2
Date: Sep/17/2005
Page: 3 OF 7
Approved: JoJo
Checked: Wu
Drawn: Yao
Lucky Light Electronics Co., Ltd.
Http://www.luckylightled.com
Package Dimension:
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25 mm (.010″) unless otherwise noted.
3. Protruded resin under flange is 1.00 mm (.039″) max.
4. Specifications are subject to change without notice.
Part No.
Chip Material
Lens Color
Source Color
LL-403GD2B-1A
GaP
Green Diffused
Yellow Green


Similar Part No. - LL-403GD2B-1A

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-403GD2B-1A LUCKY-LIGHT-LL-403GD2B-1A Datasheet
138Kb / 7P
   4mm Round With Flange Type Yellow Green LED Technical Data Sheet
LL-403GD2B-1A LUCKY-LIGHT-LL-403GD2B-1A Datasheet
138Kb / 7P
   Yellow Green LED
LL-403GD2B-1A LUCKY-LIGHT-LL-403GD2B-1A_15 Datasheet
138Kb / 7P
   Yellow Green LED
More results

Similar Description - LL-403GD2B-1A

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-509YGM2E-2Y-2A LUCKY-LIGHT-LL-509YGM2E-2Y-2A_15 Datasheet
149Kb / 9P
   Yellow & Yellow Green LED
LL-3010YGM2E-2Y-1A LUCKY-LIGHT-LL-3010YGM2E-2Y-1A_15 Datasheet
147Kb / 9P
   Yellow & Yellow Green LED
LL-257YGM1G-2Y-1A LUCKY-LIGHT-LL-257YGM1G-2Y-1A_15 Datasheet
146Kb / 9P
   Yellow & Yellow Green LED
LL-307YGM2E-2Y-1A LUCKY-LIGHT-LL-307YGM2E-2Y-1A_15 Datasheet
149Kb / 9P
   Yellow & Yellow Green LED
LL-309YGM2E-2Y-1A LUCKY-LIGHT-LL-309YGM2E-2Y-1A_15 Datasheet
147Kb / 9P
   Yellow & Yellow Green LED
LL-307YGM2E-2Y-1A LUCKY-LIGHT-LL-307YGM2E-2Y-1A Datasheet
149Kb / 9P
   Yellow & Yellow Green LED
LL-257YGM1G-2Y-1A LUCKY-LIGHT-LL-257YGM1G-2Y-1A Datasheet
146Kb / 9P
   Yellow & Yellow Green LED
LL-259YGM1G-2Y-1A LUCKY-LIGHT-LL-259YGM1G-2Y-1A_15 Datasheet
142Kb / 9P
   Yellow & Yellow Green LED
LL-259YGM1G-2Y-1A LUCKY-LIGHT-LL-259YGM1G-2Y-1A Datasheet
142Kb / 9P
   Yellow & Yellow Green LED
LL-509YGM2E-2Y-2A LUCKY-LIGHT-LL-509YGM2E-2Y-2A Datasheet
149Kb / 9P
   Yellow & Yellow Green LED
LL-3010YGM2E-2Y-1A LUCKY-LIGHT-LL-3010YGM2E-2Y-1A Datasheet
147Kb / 9P
   Yellow & Yellow Green LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com