Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD024-10 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. AD024-10
Description  Package Drawings and Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC2 - List of Unclassifed Manufacturers

AD024-10 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AD024-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Appendix
- 135 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
Magnet Data
NVE supplies Ceramic 8 magnets in some of our GMR sensor evaluation kits. The characteristics for
these magnets are given below:
Material Type
Ceramic 8 (C8)
Maximum Operating Temperature
300
°C
Curie Temperature
450
°C
Temperature Coefficient of Flux Density
-0.20 %/
°C
Maximum Energy Product
3.5 MGOe
Residual Induction
3850 Gauss
Coercive Force
2950 Oersteds
Ceramic 8 M agnetic Characteristics
500
1000
1500
2000
2500
3000
3500
4000
4500
-35C
+25C
+85C
0
-5000
-4000
-3000
-2000
-1000
0
D e magne tiz ing Force , O e rste ds (O e )


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn