Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD024-00 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. AD024-00
Description  Package Drawings and Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

AD024-00 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Appendix
- 131 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
Appendix
Package Drawings and Specifications
Package Drawing – SOIC8
Dimensions: inch (mm)
.154 (3.91)
.020 (.508)
.188 (4.77)
.054 (1.37)
.061 (1.55)
.154 (3.91)
.236 (5.99)
.017 TYP.
.193 (4.90)
NVE
XXXXX
-XX
.050 (1.27) x 6
BASIC
.004 (.10) MIN.
.010 (.26) MAX.
.016 (.40) NOM.
.015 (.381)
x45°
Note: SOIC8 Package has thermal power dissipation of 240°C/Watt in free air.
Attaching the package to a circuit board improves thermal performance.
Package Drawing – MSOP8
Dimensions: inches (mm)
.118 (3.00)
.021 (.533)
.154 (3.91)
.034 (.86)
.040 (1.02)
.004 (.10) MIN.
.012 (.31) MAX.
.0256 (.65) x 6
BASIC
NVE
XXX
.118 (3.00)
.193 (4.90)
.012 TYP.
.118
(3.00)
.005 (.13) NOM.
Note: MSOP8 Package has thermal power dissipation of 320°C/Watt in free air.
Attaching the package to a circuit board improves thermal performance.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn