Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD023-00 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. AD023-00
Description  Package Drawings and Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

AD023-00 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Appendix
- 134 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
Recommended Solder Reflow Profile
NVE recommends the following soldering profile
:
300
For leaded (Pb) parts, the peak temperature shown in this profile can be decreased to as low as 230°C.
Exceeding 265°C at peak or the time at peak temperature shown in this profile can damage the parts.
Specifically:
1.
AA- and AD-Series sensors are rated at 150°C maximum storage temperature. They can withstand
the solder profile shown above with no harmful effects. However, temperatures above 265°C for
even a brief period or extended periods above 160°C can cause degradation of the GMR sensor
element.
2.
AKL- and DD-Series parts contain an on-chip EEPROM. Exposure to temperatures in excess of
265°C can cause EEPROM data corruption, which will cause the parts to fall out of specification.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn