Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD023-00 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. AD023-00
Description  Package Drawings and Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

AD023-00 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Appendix
- 132 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
ackage Drawing – TDFN6 2.5 mm x 2.5 mm
P
2.00 ± 0.05
C0.10
PIN 1 ID
0.30 ± 0.05(6x)
0.30 ± 0.05(6x)
0.65 TYP. (4x)
1.30 REF (2X)
1
3
1
3
6
4
4
PIN 1 INDEX AREA
2.50 ± 0.10
6
0.0-0.05
0.80 MAX
0.20 REF.
Note: Dimensions in mm. TDFN6 package has thermal power dissipation of 320°C/Watt in free air.
ackage Drawing – TDFN SO8
Attaching the package to a circuit board improves thermal performance.
P
5
4
5
1
5
8
1
PIN 1 INDEX AREA
4.900 ± 0.20
4
0.0-0.05
0.75±0.05
0.75±0.05 MAX
Pin 1 ID
3.90 ± 0.15
0.65 ± 0.10 (8x)
1.27 Typ. (6x)
3.81REF (2x)
0.40 ± 0.05 (8x)
Note: Dimensions in mm. TDFN SO8 Package has thermal power dissipation of 240°C/Watt in free air.
Attaching the package to a circuit board improves thermal performance.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn