Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD022-00 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part No. AD022-00
Description  Package Drawings and Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

AD022-00 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Appendix
- 137 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
Part Numbers and Marking Codes
NVE’s part number format consists of two or three letters, then three numbers, a dash, and then two
more numbers, and in some cases a final letter. Here is an example:
AAH004-00E
The meanings of the numbers and letters are defined as follows:
First Two
Letters
General Part Description
AA
Analog output magnetometer or spin valve sensor
AB
Analog output gradiometer
AD
Digital output magnetometer
AG
Evaluation kit or printed circuit board assembly
AK
Digital output gradiometer
BD
Custom digital output magnetometer
DB
Digital input signal processing IC
DC
Voltage regulator
DD
Analog input signal processing IC
Third Letter
GMR Material Used In Product
No third letter indicates NVE’s standard multilayer material
H
High sensitivity, high temperature multilayer material
L
Low hysteresis, high temperature multilayer material
V
Spin valve material with synthetic anti-ferromagnet pinning
Three Digits
Consecutive Part Number
xxx
Meaning for AD-Series parts is described in the GMR Switch section of this
catalog; other products have numbers assigned consecutively with no meaning
implied
Two Digits
After Dash
Package Type
-00
MSOP 8 pin package
-01
Raw IC (die); available in diced wafer on blue tape or waffle pack form
-02
SOIC 8 pin package
-07
Non-semiconductor style package; used for eval kits and PCBs
-10
TDFN6 2.5mm X 2.5mm 6 pin package
-11
PLLP6 3.0mm X 3.0mm 6 pin package
-12
TDFN SO8 4.9mm X 6.0mm 8 pin package
Final Letter
Consecutive Part Number
E
No final letter means a standard package; E means a lead-free package


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn