Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL1501-L Datasheet(PDF) 8 Page - RFHIC

Part # CL1501-L
Description  Low Noise Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

CL1501-L Datasheet(HTML) 8 Page - RFHIC

  CL1501-L Datasheet HTML 1Page - RFHIC CL1501-L Datasheet HTML 2Page - RFHIC CL1501-L Datasheet HTML 3Page - RFHIC CL1501-L Datasheet HTML 4Page - RFHIC CL1501-L Datasheet HTML 5Page - RFHIC CL1501-L Datasheet HTML 6Page - RFHIC CL1501-L Datasheet HTML 7Page - RFHIC CL1501-L Datasheet HTML 8Page - RFHIC CL1501-L Datasheet HTML 9Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Low Noise Amplifier
CL0901-L / CL1501-L
CL1801-L / CL2101-L
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
8 / 9
Version 6.3
Package Dimensions (Type: CP-16A)
* Unit: mm[inch] | Tolerance ±0.15[.006]
Top View
Side View
Bottom View
Pin Description
Pin No
Function
Pin No
Function
1
GND
4
GND
2
Input
5
Output
3
GND
6
Vcc
Recommended Pattern
Recommended Mounting Configuration
* Mounting Configuration Notes
1. Ground / thermal via holes are critical for the proper performance of this device.
2. Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the board to a heatsink. Ensure that the ground / thermal via hole region contacts the heatsink.
4. Do not put solder mask on the backside of the PCB in the region where the board contacts the heatsink.
5. RF trace width depends upon the PCB material and construction.
6. Use 1 oz. Copper minimum.


Similar Part No. - CL1501-L

ManufacturerPart #DatasheetDescription
logo
RFHIC
CL1501-L RFHIC-CL1501-L Datasheet
603Kb / 8P
   Low Noise Amplifier
More results

Similar Description - CL1501-L

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com