Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL3502-L Datasheet(PDF) 1 Page - RFHIC

Part # CL3502-L
Description  Low Noise Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

CL3502-L Datasheet(HTML) 1 Page - RFHIC

  CL3502-L Datasheet HTML 1Page - RFHIC CL3502-L Datasheet HTML 2Page - RFHIC CL3502-L Datasheet HTML 3Page - RFHIC CL3502-L Datasheet HTML 4Page - RFHIC CL3502-L Datasheet HTML 5Page - RFHIC CL3502-L Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Low Noise Amplifier
CL3501-L / CL3502-L
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 6
Version 6.4
Product Features
Applications
• GaAs p-HEMT chip on board
• No matching circuit needed
• High Maximum input power(+25dBm)
• High IP3 & Low Noise
• Single Supply Voltage (+5V)
• Surface Mount Hybrid Type
• Tape & Reel Packaging
• Small Size, High Heatsink
• Alumina Substrate
• Pb Free / RoHS Standard
• Repeater
• Base Station
• RF Sub-Systems
• WiMAX, WiBro, Radar system
Description
RFHIC’s LOW Noise Amplifier series are all hybrid LNA type products which includes all matching for the convenience of customers.
CL series are focused on giving lowest noise possible. The structure of the device is built with GaAs p-HEMT die attached on a
ceramic thick film substrate. The device is still smaller than the area one would use for the application notes all together. Depending on
the part number, one can use this in different frequency applications. All LNA hybrids are possible to have custom frequency & spec
without any additional NRE cost involved.
All RFHIC products are RoHS compliant.
Electrical Specifications
PARAMETER
UNIT
CL3501-L
CL3502-L
Frequency Range
MHz
3100 ~ 3600
3100 ~ 3600
Small Signal Gain (S21)
dB
10
10.5
Gain Flatness
dB
±1.0
±1.0
Input Return Loss (S11)
dB
-16
-16
Output Return Loss (S22)
dB
-12
-12
1dB Compression Point (P1dB)
dBm
15
21
Output 3
rd Order Intercept Point
(OIP3) (TYP.)
dBm
31
36
Noise Figure (TYP.)
dB
1.0
1.0
DC Supply
Current (Vdc=+5V)
mA
45
100
Test Condition
① Supply voltage = +5V, 50ohm System, Ta = 25℃
② OIP3 is measured with two tones, at an output power of +0dBm/tone separated by 1MHz.
Package Type : CP-16A


Similar Part No. - CL3502-L

ManufacturerPart #DatasheetDescription
logo
RFHIC
CL3502-L RFHIC-CL3502-L Datasheet
730Kb / 5P
   Low Noise Amplifier
More results

Similar Description - CL3502-L

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com