Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-259YGM1G-2Y-1A Datasheet(PDF) 5 Page - Lucky Light Electronic

Part # LL-259YGM1G-2Y-1A
Description  Yellow & Yellow Green LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-259YGM1G-2Y-1A Datasheet(HTML) 5 Page - Lucky Light Electronic

  LL-259YGM1G-2Y-1A Datasheet HTML 1Page - Lucky Light Electronic LL-259YGM1G-2Y-1A Datasheet HTML 2Page - Lucky Light Electronic LL-259YGM1G-2Y-1A Datasheet HTML 3Page - Lucky Light Electronic LL-259YGM1G-2Y-1A Datasheet HTML 4Page - Lucky Light Electronic LL-259YGM1G-2Y-1A Datasheet HTML 5Page - Lucky Light Electronic LL-259YGM1G-2Y-1A Datasheet HTML 6Page - Lucky Light Electronic LL-259YGM1G-2Y-1A Datasheet HTML 7Page - Lucky Light Electronic LL-259YGM1G-2Y-1A Datasheet HTML 8Page - Lucky Light Electronic LL-259YGM1G-2Y-1A Datasheet HTML 9Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Luckylight
Spec No.: A010 X400
Rev No.: V.2
Date: Dec/26/2005
Page: 5 OF 9
Approved: JoJo
Checked: Wu
Drawn: Shu
Lucky Light Electronics Co., Ltd.
Http://www.luckylight.cn
Electrical Optical Characteristics at Ta=25℃
Parameters
Symbol Emitting
Color
Min. Typ. Max. Unit Test Condition
Yellow
1
3
---
Luminous Intensity
Iv
Yellow
Green
1
3
---
mcd
IF=10mA
Yellow
---
70
---
Viewing Angle
1/2
Yellow
Green
---
70
---
Deg
IF=20mA
Yellow
---
592
---
Peak Emission Wavelength
λp
Yellow
Green
---
565
---
nm
IF=20mA
Yellow
---
589
---
Dominant Wavelength
λd
Yellow
Green
---
570
---
nm
IF=20mA
Yellow
---
35
---
Spectral Line Half-Width
λ
Yellow
Green
--
30
---
nm
IF=20mA
Yellow
1.60 2.20 2.60
Forward Voltage
VF
Yellow
Green
1.60 2.20 2.60
V
IF=20mA
Yellow
Reverse Current
IR
Yellow
Green
---
---
10
µA
VR=5V
Notes:
1. Luminous intensity is measured with a light sensor and filter combination that
approximates the CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous
intensity.
3. The dominant wavelength (λd) is derived from the CIE chromaticity diagram and
represents the single wavelength which defines the color of the device.


Similar Part No. - LL-259YGM1G-2Y-1A

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-259YGM1G-2Y-1A LUCKY-LIGHT-LL-259YGM1G-2Y-1A Datasheet
142Kb / 9P
   2횞5mm Bi-Color With Common Cathode Type Yellow & Yellow Green LED Technical Data Sheet
LL-259YGM1G-2Y-1A LUCKY-LIGHT-LL-259YGM1G-2Y-1A_15 Datasheet
142Kb / 9P
   Yellow & Yellow Green LED
More results

Similar Description - LL-259YGM1G-2Y-1A

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-509YGM2E-2Y-2A LUCKY-LIGHT-LL-509YGM2E-2Y-2A_15 Datasheet
149Kb / 9P
   Yellow & Yellow Green LED
LL-3010YGM2E-2Y-1A LUCKY-LIGHT-LL-3010YGM2E-2Y-1A_15 Datasheet
147Kb / 9P
   Yellow & Yellow Green LED
LL-257YGM1G-2Y-1A LUCKY-LIGHT-LL-257YGM1G-2Y-1A_15 Datasheet
146Kb / 9P
   Yellow & Yellow Green LED
LL-307YGM2E-2Y-1A LUCKY-LIGHT-LL-307YGM2E-2Y-1A_15 Datasheet
149Kb / 9P
   Yellow & Yellow Green LED
LL-309YGM2E-2Y-1A LUCKY-LIGHT-LL-309YGM2E-2Y-1A_15 Datasheet
147Kb / 9P
   Yellow & Yellow Green LED
LL-307YGM2E-2Y-1A LUCKY-LIGHT-LL-307YGM2E-2Y-1A Datasheet
149Kb / 9P
   Yellow & Yellow Green LED
LL-257YGM1G-2Y-1A LUCKY-LIGHT-LL-257YGM1G-2Y-1A Datasheet
146Kb / 9P
   Yellow & Yellow Green LED
LL-259YGM1G-2Y-1A LUCKY-LIGHT-LL-259YGM1G-2Y-1A_15 Datasheet
142Kb / 9P
   Yellow & Yellow Green LED
LL-509YGM2E-2Y-2A LUCKY-LIGHT-LL-509YGM2E-2Y-2A Datasheet
149Kb / 9P
   Yellow & Yellow Green LED
LL-3010YGM2E-2Y-1A LUCKY-LIGHT-LL-3010YGM2E-2Y-1A Datasheet
147Kb / 9P
   Yellow & Yellow Green LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com