Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-253ID1G-I1 Datasheet(PDF) 5 Page - Lucky Light Electronic

Part # LL-253ID1G-I1
Description  Hi-Eff Red LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-253ID1G-I1 Datasheet(HTML) 5 Page - Lucky Light Electronic

  LL-253ID1G-I1 Datasheet HTML 1Page - Lucky Light Electronic LL-253ID1G-I1 Datasheet HTML 2Page - Lucky Light Electronic LL-253ID1G-I1 Datasheet HTML 3Page - Lucky Light Electronic LL-253ID1G-I1 Datasheet HTML 4Page - Lucky Light Electronic LL-253ID1G-I1 Datasheet HTML 5Page - Lucky Light Electronic LL-253ID1G-I1 Datasheet HTML 6Page - Lucky Light Electronic LL-253ID1G-I1 Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Luckylight
Spec No.: A010 X400
Rev No.: V.2
Date: Aug/26/2005
Page: 5 OF 7
Approved: JoJo
Checked: Wu
Drawn: Shu
Lucky Light Electronics Co., Ltd.
Http://www.luckylight.cn
Typical Electrical / Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
Spectrum Distribution
Ta=25℃
0
400
100
300
500
600
700
800
Wavelength λp (nm)
75
50
25
Luminous Intensity &
Ambient Temperature
1
1000
-60
Ambient Temperature Ta ()
100
10
-40 -20 0 20 40 60 80 100
Luminous Intensity & Forward Current
1
1000
10
Forward Current IF (mA)
100
10
0
10
1
10
2
10
3
f=1KHz
Duty=1/10
Ta=25℃
Forward Current & Forward Voltage
Ta=25℃
0
10
20
30
40
50
1.4
1.6
1.8
2.0
2.2
2.4
Forward Voltage VF (V)
2.6
Forward Current Derating Curve
0
0
10
20
30
40
50
Ambient Temperature Ta ()
25
20
40
60
80
100
Ta=25
Radiation Diagram
0.3
0
0.7
0.8
1.0
0.9
0.1 0 0.2 0.4 0.6
0.5
o
10
o
20
o
30
o
40
o
50
o
60
o
70
o
80
o
90
o


Similar Part No. - LL-253ID1G-I1

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-253ID1G-I1 LUCKY-LIGHT-LL-253ID1G-I1 Datasheet
137Kb / 7P
   2횞5mm Rectangular With Flange Type Hi-Eff Red LED Technical Data Sheet
LL-253ID1G-I1 LUCKY-LIGHT-LL-253ID1G-I1_15 Datasheet
137Kb / 7P
   Hi-Eff Red LED
More results

Similar Description - LL-253ID1G-I1

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-253ID1G-I1 LUCKY-LIGHT-LL-253ID1G-I1_15 Datasheet
137Kb / 7P
   Hi-Eff Red LED
LL-463IDS LUCKY-LIGHT-LL-463IDS_15 Datasheet
125Kb / 6P
   Hi-Eff Red LED
LL-253ID1F-I1 LUCKY-LIGHT-LL-253ID1F-I1 Datasheet
137Kb / 7P
   Hi-Eff Red LED
LL-463IDS LUCKY-LIGHT-LL-463IDS Datasheet
125Kb / 6P
   Hi-Eff Red LED
LL-244ID3D-I1 LUCKY-LIGHT-LL-244ID3D-I1 Datasheet
134Kb / 7P
   Hi-Eff Red LED
LL-244ID3D-I1 LUCKY-LIGHT-LL-244ID3D-I1_15 Datasheet
134Kb / 7P
   Hi-Eff Red LED
LL-253ID1F-I1 LUCKY-LIGHT-LL-253ID1F-I1_15 Datasheet
137Kb / 7P
   Hi-Eff Red LED
logo
P-tec Corporation
PL24-CTR12 P-TEC-PL24-CTR12 Datasheet
35Kb / 1P
   10mm Hi-Eff Red LED
PL22-CDR12 P-TEC-PL22-CDR12 Datasheet
29Kb / 1P
   8mm Hi-Eff Red LED
logo
Lucky Light Electronic
LL-309IGM2E-I1-2A LUCKY-LIGHT-LL-309IGM2E-I1-2A Datasheet
166Kb / 9P
   Hi-Eff Red & Yellow Green LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com