Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM4002-W-S-NT Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FM4002-W-S-NT
Description  SURFACE MOUNT SILICON RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM4002-W-S-NT Datasheet(HTML) 1 Page - Rectron Semiconductor

  FM4002-W-S-NT Datasheet HTML 1Page - Rectron Semiconductor FM4002-W-S-NT Datasheet HTML 2Page - Rectron Semiconductor FM4002-W-S-NT Datasheet HTML 3Page - Rectron Semiconductor FM4002-W-S-NT Datasheet HTML 4Page - Rectron Semiconductor FM4002-W-S-NT Datasheet HTML 5Page - Rectron Semiconductor FM4002-W-S-NT Datasheet HTML 6Page - Rectron Semiconductor FM4002-W-S-NT Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SURFACE MOUNT SILICON RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specfied.
FM4007W
THRU
FM4001W
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Ambient Temperatu re
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
1.0
30
80
15
Amps
0
C/W
0
C/W
0
C
Storage Temperature Range
R q J A
Typical Thermal Resistance (Note 1)
30
R q J L
IO
pF
Operating Temperature Range
TJ
FM4001W
50
150
-55 to + 150
0
C
FM4002W
FM4003W
FM4004W
FM4005W FM4006W
100
200
400
600
35
70
140
280
420
50
100
200
400
600
FM4007W
FM4001W
FM4002W
FM4003W
FM4004W
FM4005W FM4006W FM4007W
800
1000
800
1000
560
700
2009
REV: B
-08
CHARACTERISTICS
Maximum Average Reverse Current
Maximum Full Load Reverse Current,
Full cycle Average at T
A=75
O
C
at Rated DC Blocking Voltage
VF
SYMBOL
IR
uA
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
5.0
uA
30
100
@TA = 25
oC
@TA = 100
oC
uA
UNITS
1.1
NOTES : 1. Thermal Resistance :Mounted on PCB.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. "Fully ROHS compliant","100% Sn plating (Pb-free)".
FEATURES
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Epoxy : Device has UL flammability classification 94V-0
MECHANICAL DATA
SMX
Dimensions in inches and (millimeters)
.209 (5.31)
.185 (4.70)
.091 (2.31)
.067 (1.70)
.110 (2.79)
.086 (2.18)
.011 (0.28)
.007 (0.18)
.180 (4.57)
.160 (4.06)
.059 (1.50)
.035 (0.89)
.071 (1.80)
.051 (1.30)
* Weight: 0.078 gram
Typical Current Square Time
I2T
A2S
3.7
Resistive or inductive load.


Similar Part No. - FM4002-W-S-NT

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM4002-W-S-NT-W RECTRON-FM4002-W-S-NT-W Datasheet
437Kb / 10P
   PASSIVATED SILICON RECTIFIER
More results

Similar Description - FM4002-W-S-NT

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLR5-06 CENTRAL-CTLR5-06 Datasheet
1Mb / 3P
   SURFACE MOUNT SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
S3A CHONGQING-S3A Datasheet
45Kb / 1P
   SURFACE MOUNT SILICON RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
M1 WINNERJOIN-M1 Datasheet
140Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
S2A CHONGQING-S2A Datasheet
41Kb / 1P
   SURFACE MOUNT SILICON RECTIFIER
logo
DACO SEMICONDUCTOR CO.,...
EM512 DACO-EM512 Datasheet
694Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
EM512A DACO-EM512A Datasheet
694Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
logo
Rectron Semiconductor
2A1 RECTRON-2A1 Datasheet
541Kb / 6P
   SURFACE MOUNT SILICON RECTIFIER
SA1V RECTRON-SA1V Datasheet
136Kb / 6P
   SURFACE MOUNT SILICON RECTIFIER
05A1 RECTRON-05A1 Datasheet
55Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
logo
Wing Shing Computer Com...
MELFSMA4001 WINGS-MELFSMA4001 Datasheet
220Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
S1A CHONGQING-S1A Datasheet
41Kb / 1P
   SURFACE MOUNT SILICON RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com