Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM4007W-W Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # FM4007W-W
Description  SURFACE MOUNT SILICON RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM4007W-W Datasheet(HTML) 2 Page - Rectron Semiconductor

  FM4007W-W Datasheet HTML 1Page - Rectron Semiconductor FM4007W-W Datasheet HTML 2Page - Rectron Semiconductor FM4007W-W Datasheet HTML 3Page - Rectron Semiconductor FM4007W-W Datasheet HTML 4Page - Rectron Semiconductor FM4007W-W Datasheet HTML 5Page - Rectron Semiconductor FM4007W-W Datasheet HTML 6Page - Rectron Semiconductor FM4007W-W Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE, (V)
Lead Temperature (OC)
0
0.01
1.0
0.1
10
100
1000
0
0.5
1.0
1.5
2.0
20
40
60
80
100
120
140
175
125
150
50
25
75
100
0
0
0.5 1.0
2.5
3.5 4.0 4.5
2.0
0.1
1.0
10
20
1.5
3.0
5.0
RATING AND CHARACTERISTICS CURVES ( FM4001W THRU FM4007W )
FIG.3 TYPICAL INSTANTANEOUS FORWARD
FIG.3 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
CHARACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
DERATING CURVE
FIG.2 TYPICAL REVERSE
FIG.2 TYPICAL REVERSE
CHARACTERISTICS
CHARACTERISTICS
REVERSE VOLTAGE, (V)
0.1
1
8
6
4
2
10
20
40
40
0.4 1.0
4
10
80
FIG.4 TYPICAL JUNCTION CAPACITANCE
FIG.4 TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
1
10
0
15
25
30
20
2
4
6 8 10
20
40
80 100
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
SURGE CURRENT
Single Phase Half Wave 60Hz
Resistive or Inductive Load
0.375" (9.5mm) Lead Length
TJ = 25 OC
Pulse width=300 S
1% Duty Cycle
TJ = 25 OC
8.3mS Single Half Sine-Wave
JEDEC Method
TA = 25 OC
TA = 75 OC
TA = 100 OC


Similar Part No. - FM4007W-W

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM4007W RECTRON-FM4007W Datasheet
23Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
FM4007WS RECTRON-FM4007WS Datasheet
550Kb / 6P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
More results

Similar Description - FM4007W-W

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLR5-06 CENTRAL-CTLR5-06 Datasheet
1Mb / 3P
   SURFACE MOUNT SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
S3A CHONGQING-S3A Datasheet
45Kb / 1P
   SURFACE MOUNT SILICON RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
M1 WINNERJOIN-M1 Datasheet
140Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
S2A CHONGQING-S2A Datasheet
41Kb / 1P
   SURFACE MOUNT SILICON RECTIFIER
logo
DACO SEMICONDUCTOR CO.,...
EM512 DACO-EM512 Datasheet
694Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
EM512A DACO-EM512A Datasheet
694Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
logo
Rectron Semiconductor
2A1 RECTRON-2A1 Datasheet
541Kb / 6P
   SURFACE MOUNT SILICON RECTIFIER
SA1V RECTRON-SA1V Datasheet
136Kb / 6P
   SURFACE MOUNT SILICON RECTIFIER
05A1 RECTRON-05A1 Datasheet
55Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
logo
Wing Shing Computer Com...
MELFSMA4001 WINGS-MELFSMA4001 Datasheet
220Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
S1A CHONGQING-S1A Datasheet
41Kb / 1P
   SURFACE MOUNT SILICON RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com