Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN1215MTDX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FIN1215MTDX
Description  LVDS 21-Bit Serializers / De-Serializers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1215MTDX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FIN1215MTDX Datasheet HTML 5Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 6Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 7Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 8Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 9Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 10Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 11Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 12Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN1215 / FIN1216 / FIN1217 • Rev. 1.0.3
9
Transmitter AC Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Transmitter Output Data Jitter (f=85 MHz, FIN1217 only)
(12)
tTPPB0
Transmitter Output Pulse Position of Bit 0
Figure 20
7
f
1
a
×
=
-0.2
0
0.2
ns
tTPPB1
Transmitter Output Pulse Position of Bit 1
a-0.2
a
a+0.2
ns
tTPPB2
Transmitter Output Pulse Position of Bit 2
2a-0.2
2a
2a+0.2
ns
tTPPB3
Transmitter Output Pulse Position of Bit 3
3a-0.2
3a
3a+0.2
ns
tTPPB4
Transmitter Output Pulse Position of Bit 4
4a-0.2
4a
4a+0.2
ns
tTPPB5
Transmitter Output Pulse Position of Bit 5
5a-0.2
5a
5a+0.2
ns
tTPPB6
Transmitter Output Pulse Position of Bit 6
6a-0.2
6a
6a+0.2
ns
tJCC
Transmitter Clock Out Jitter, Cycle-to cycle
Figure 23
f=40MHz
350
370
ps
f=65MHz
210
230
f=85MHz
FIN1217 only
110
150
tTPLLS
Transmitter Phase Lock Loop Set Time
(13)
Figure 15
(12)
10.0
ms
Notes:
11. Outputs of all transmitters stay in 3-STATE until power reaches 2V. Clock and data output begins to toggle
10ms after VCC reaches 3V and /PwrDn pin is above 1.5V.
12. This output data pulse position works for both transmitters with 21 TTL inputs, except the LVDS output bit
mapping difference (see Figure 19). Figure 20 shows the skew between the first data bit and clock output. A
two-bit cycle delay is guaranteed when the MSB is output from transmitter.
13. This jitter specification is based on the assumption that PLL has a reference clock with cycle-to-cycle input jitter
of less than 2ns.


Similar Part No. - FIN1215MTDX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1215MTDX ONSEMI-FIN1215MTDX Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1215MTDX_NL FAIRCHILD-FIN1215MTDX_NL Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
More results

Similar Description - FIN1215MTDX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1215 ONSEMI-FIN1215 Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1218 FAIRCHILD-FIN1218 Datasheet
434Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
FIN1217 FAIRCHILD-FIN1217_05 Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
logo
Maxim Integrated Produc...
MAX9205 MAXIM-MAX9205_10 Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9209_0710 MAXIM-MAX9209_0710 Datasheet
321Kb / 21P
   Programmable DC-Balanced 21-Bit Serializers
Rev 4; 10/07
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
MAX9209 MAXIM-MAX9209 Datasheet
477Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9209 MAXIM-MAX9209_07 Datasheet
319Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
MAX9209 MAXIM-MAX9209_12 Datasheet
597Kb / 18P
   Programmable DC-Balanced 21-Bit Serializers
Rev 5; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com