Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPI104C471KTRF Datasheet(PDF) 7 Page - NIC-Components Corp.

Part # NPI104C471KTRF
Description  NPI Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI104C471KTRF Datasheet(HTML) 7 Page - NIC-Components Corp.

  NPI104C471KTRF Datasheet HTML 1Page - NIC-Components Corp. NPI104C471KTRF Datasheet HTML 2Page - NIC-Components Corp. NPI104C471KTRF Datasheet HTML 3Page - NIC-Components Corp. NPI104C471KTRF Datasheet HTML 4Page - NIC-Components Corp. NPI104C471KTRF Datasheet HTML 5Page - NIC-Components Corp. NPI104C471KTRF Datasheet HTML 6Page - NIC-Components Corp. NPI104C471KTRF Datasheet HTML 7Page - NIC-Components Corp. NPI104C471KTRF Datasheet HTML 8Page - NIC-Components Corp. NPI104C471KTRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
60
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPI Power Inductors
NPI__C Series
Part Number
STANDARD VALUES - CASE SIZE 104 (10.0 x 9.0 x 4.0mm)
Inductance Value
(µH)
DC Resistance
(Ω)
DC Current
Isat/Irms (Amps)
Test Frequency
NPI104C100MTRF
10 ± 20%
0.053
2.38
1KHz*
NPI104C120MTRF
12 ± 20%
0.061
2.13
NPI104C150MTRF
15 ± 20%
0.070
1.87
NPI104C180MTRF
18 ± 20%
0.081
1.73
NPI104C220MTRF
22 ± 20%
0.088
1.60
NPI104C270MTRF
27 ± 20%
0.100
1.44
NPI104C330MTRF
33 ± 20%
0.120
1.26
NPI104C390MTRF
39 ± 20%
0.151
1.20
NPI104C470MTRF
47 ± 20%
0.170
1.10
NPI104C560KTRF
56 ± 10%
0.199
1.01
NPI104C680KTRF
68 ± 10%
0.223
0.91
NPI104C820KTRF
82 ± 10%
0.252
0.85
NPI104C101KTRF
100 ± 10%
0.344
0.74
1KHz
NPI104C121KTRF
120 ± 10%
0.396
0.69
NPI104C151KTRF
150 ± 10%
0.544
0.61
NPI104C181KTRF
180 ± 10%
0.621
0.56
NPI104C221KTRF
220 ± 10%
0.721
0.53
NPI104C271KTRF
270 ± 10%
0.949
0.45
NPI104C331KTRF
330 ± 10%
1.100
0.42
NPI104C391KTRF
390 ± 10%
1.245
0.38
NPI104C471KTRF
470 ± 10%
1.526
0.35
NPI104C561KTRF
560 ± 10%
1.904
0.32
Maximum +40°C temperature rise at Irms. Maximum -30% inductance change at Isat.
*Specifications reflect recent product changes. For more information refer to PCN announcement [Link]


Similar Part No. - NPI104C471KTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPI104C471KTRF NIC-NPI104C471KTRF Datasheet
301Kb / 9P
   NPI Power Inductors
More results

Similar Description - NPI104C471KTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPI-W NIC-NPI-W Datasheet
92Kb / 4P
   NPI Power Inductors
NPI_W NIC-NPI_W Datasheet
190Kb / 5P
   NPI Power Inductors
NPI_P NIC-NPI_P Datasheet
184Kb / 4P
   NPI Power Inductors
NPI_C NIC-NPI_C Datasheet
301Kb / 9P
   NPI Power Inductors
NPI-L NIC-NPI-L Datasheet
186Kb / 3P
   NPI Power Inductors
NPI-P NIC-NPI-P Datasheet
183Kb / 4P
   NPI Power Inductors
NPI_LS NIC-NPI_LS Datasheet
116Kb / 11P
   NPI Unshielded Power Inductors
NPI-LS NIC-NPI-LS Datasheet
121Kb / 11P
   NPI Unshielded Power Inductors
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com