Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL35N6F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL35N6F3
Description  N-channel 60 V, 0.019 廓, 10 A STripFET??III Power MOSFET in PowerFLAT??5x6 package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL35N6F3 Datasheet(HTML) 3 Page - STMicroelectronics

  STL35N6F3 Datasheet HTML 1Page - STMicroelectronics STL35N6F3 Datasheet HTML 2Page - STMicroelectronics STL35N6F3 Datasheet HTML 3Page - STMicroelectronics STL35N6F3 Datasheet HTML 4Page - STMicroelectronics STL35N6F3 Datasheet HTML 5Page - STMicroelectronics STL35N6F3 Datasheet HTML 6Page - STMicroelectronics STL35N6F3 Datasheet HTML 7Page - STMicroelectronics STL35N6F3 Datasheet HTML 8Page - STMicroelectronics STL35N6F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
STL35N6F3
Electrical ratings
Doc ID 16557 Rev 4
3/17
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
60
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
The value is rated according to Rthj-c
Drain current (continuous) at TC = 25 °C
35
A
ID
(1)
Drain current (continuous) at TC = 100 °C
25
A
ID
(2)
2.
The value is rated according to Rthj-pcb
Drain current (continuous) at Tpcb = 25 °C
10
A
ID
(2)
Drain current (continuous) at Tpcb=100 °C
7
A
IDM
(3)
3.
Pulse width limited by safe operating area
Drain current (pulsed)
100
A
PTOT
(1)
Total dissipation at TC = 25 °C
80
W
PTOT
(2)
Total dissipation at Tpcb = 25 °C
5
W
Tstg
Storage temperature
-55 to 175
°C
Tj
Operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-pcb
(1)
1.
When mounted on FR-4 board of 1 inch², 2 oz Cu, t < 10 sec
Thermal resistance junction-pcb max
31.3
°C/W
Rthj-case
Thermal resistance junction-case max.
1.9
°C/W
Table 4.
Avalanche characteristics
Symbol
Parameter
Max value
Unit
IAV
Not-repetitive avalanche current
5
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAV, VDD = 50 V)
409
mJ


Similar Part No. - STL35N6F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL35N15F3 STMICROELECTRONICS-STL35N15F3 Datasheet
848Kb / 17P
   N-channel 150 V, 0.0355, 7 A STripFET III Power MOSFET
STL35NF10 STMICROELECTRONICS-STL35NF10 Datasheet
165Kb / 6P
   N-CHANNEL 100V - 0.025ohm - 35A PowerFLAT??LOW GATE CHARGE STripFET??MOSFET
STL35NF3LL STMICROELECTRONICS-STL35NF3LL Datasheet
183Kb / 6P
   N-CHANNEL 30V - 0.0055ohm - 35A PowerFLAT??LOW GATE CHARGE STripFET??MOSFET
More results

Similar Description - STL35N6F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL85N6F3 STMICROELECTRONICS-STL85N6F3 Datasheet
534Kb / 15P
   N-channel 60 V, 0.0057 廓, 19 A PowerFLAT??5x6 STripFET??Power MOSFET
STL70N10F3 STMICROELECTRONICS-STL70N10F3 Datasheet
911Kb / 17P
   N-channel 100 V, 0.0078, 16 A STripFET III Power MOSFET in PowerFLAT 5x6 package
STL40N75LF3 STMICROELECTRONICS-STL40N75LF3 Datasheet
1Mb / 5P
   N-channel 75 V, 16 m typ., 10 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
March 2011 Rev 6
STL90N6F7 STMICROELECTRONICS-STL90N6F7 Datasheet
373Kb / 13P
   N-channel 60 V, 0.0046 廓 typ., 90 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 package
June 2015 Rev 2
STL140N6F7 STMICROELECTRONICS-STL140N6F7 Datasheet
944Kb / 13P
   N-channel 60 V, 2.4 m廓 typ., 140 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 package
April 2017 Rev 5
STL40C30H3LL STMICROELECTRONICS-STL40C30H3LL Datasheet
1Mb / 19P
   N-channel 30 V, 0.019 廓 typ., 10 A, P-channel 30 V, 0.024 廓 typ.,8 A STripFET??VI Power MOSFET in a PowerFLAT 5x6 d. i. package
April 2014 Rev 5
STL60P4LLF6 STMICROELECTRONICS-STL60P4LLF6 Datasheet
886Kb / 14P
   P-channel 40 V, 0.0115 廓 typ.,60 A STripFET??F6 Power MOSFET in a PowerFLAT??5x6 package
December 2014 Rev 2
STL100N6LF6 STMICROELECTRONICS-STL100N6LF6 Datasheet
2Mb / 15P
   N-channel 60 V, 3.3 m廓 typ., 25 A STripFET??VI DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
March 2014 Rev 3
STL42PLLF6 STMICROELECTRONICS-STL42PLLF6 Datasheet
935Kb / 16P
   P-channel -60 V, 23 m廓 typ., -42 A STripFET??F6 Power MOSFET in a PowerFLAT??5x6 package
November 2016 Rev 4
STL8N10LF3 STMICROELECTRONICS-STL8N10LF3 Datasheet
850Kb / 13P
   N-channel 100 V, 25 mA typ., 7.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com