Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB18NM60N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB18NM60N
Description  N-channel 600 V, 0.27 廓, 13 A MDmesh??II Power MOSFET in TO-220, TO-220FP, TO-247, D짼PAK and I짼PAK
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB18NM60N Datasheet(HTML) 1 Page - STMicroelectronics

  STB18NM60N Datasheet HTML 1Page - STMicroelectronics STB18NM60N Datasheet HTML 2Page - STMicroelectronics STB18NM60N Datasheet HTML 3Page - STMicroelectronics STB18NM60N Datasheet HTML 4Page - STMicroelectronics STB18NM60N Datasheet HTML 5Page - STMicroelectronics STB18NM60N Datasheet HTML 6Page - STMicroelectronics STB18NM60N Datasheet HTML 7Page - STMicroelectronics STB18NM60N Datasheet HTML 8Page - STMicroelectronics STB18NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
October 2010
Doc ID 15868 Rev 3
1/18
18
STB18NM60N, STF18NM60N, STI18NM60N
STP18NM60N, STW18NM60N
N-channel 600 V, 0.27
Ω, 13 A MDmesh™ II Power MOSFET
in TO-220, TO-220FP, TO-247, D²PAK and I²PAK
Features
100% avalanche tested
Low input capacitance and gate charge
Low gate input resistance
Application
Switching applications
Description
These devices are made using the second
generation of MDmesh™ technology. This
revolutionary Power MOSFET associates a new
vertical structure to the company’s strip layout to
yield one of the world’s lowest on-resistance and
gate charge. It is therefore suitable for the most
demanding high efficiency converters.
Figure 1.
Internal schematic diagram
Order codes
VDSS
(@Tjmax)
RDS(on)
max.
ID
PW
STB18NM60N
650 V
< 0.285
Ω 13 A
110 W
STF18NM60N
30 W
STI18NM60N
110 W
STP18NM60N
STW18NM60N
TO-220
TO-220FP
D²PAK
1
2
3
1
2
3
TO-247
1
2
3
1
3
1
2
3
I²PAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB18NM60N
18NM60N
D²PAK
Tape and reel
STF18NM60N
18NM60N
TO-220FP
Tube
STI18NM60N
18NM60N
I²PAK
Tube
STP18NM60N
18NM60N
TO-220
Tube
STW18NM60N
18NM60N
TO-247
Tube
www.st.com


Similar Part No. - STB18NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB18NM60N STMICROELECTRONICS-STB18NM60N Datasheet
1Mb / 21P
   N-channel 600 V, 0.26 廓 typ., 13 A MDmesh??II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
October 2012 Rev 4
logo
Inchange Semiconductor ...
STB18NM60N ISC-STB18NM60N Datasheet
297Kb / 2P
   isc N-Channel Mosfet Transistor
logo
STMicroelectronics
STB18NM60ND STMICROELECTRONICS-STB18NM60ND Datasheet
1Mb / 22P
   N-channel 600 V - 0.25 typ., 13 A FDmesh II Power MOSFET (with fast diode) in D2PAK
logo
Inchange Semiconductor ...
STB18NM60ND ISC-STB18NM60ND Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STB18NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP32N65M5 STMICROELECTRONICS-STP32N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.095 廓, 24 A, MDmesh??V Power MOSFET in D짼PAK, I짼PAK, TO-220FP, TO-220, TO-247
STW35N65M5 STMICROELECTRONICS-STW35N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.085 廓, 27 A, MDmesh??V Power MOSFET in D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
STF30N65M5 STMICROELECTRONICS-STF30N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.125 廓, 22 A, MDmesh??V Power MOSFET D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
September 2011 Rev 3
STF21N65M5 STMICROELECTRONICS-STF21N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.150 廓, 17 A MDmesh??V Power MOSFET D짼PAK, TO-220FP, TO-220, I짼PAK, TO-247
May 2011 Rev 4
STF18NM60N STMICROELECTRONICS-STF18NM60N Datasheet
1Mb / 21P
   N-channel 600 V, 0.26 廓 typ., 13 A MDmesh??II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
STP18NM60N STMICROELECTRONICS-STP18NM60N Datasheet
1Mb / 21P
   N-channel 600 V, 0.26 廓 typ., 13 A MDmesh??II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
October 2012 Rev 4
STB23NM50N STMICROELECTRONICS-STB23NM50N Datasheet
867Kb / 21P
   N-channel 500 V, 0.162 廓, 17 A TO-220, TO-220FP, TO-247, D짼PAK MDmesh??II Power MOSFET
STD13NM60N STMICROELECTRONICS-STD13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
STF13NM60N STMICROELECTRONICS-STF13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
STX23NM60ND STMICROELECTRONICS-STX23NM60ND_10 Datasheet
820Kb / 18P
   N-channel 600 V, 0.150 廓, 19.5 A, FDmesh??II Power MOSFET (with fast diode) D짼PAK, I짼PAK, TO-220, TO-220FP, TO-247
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com