Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL-103BG1C Datasheet(PDF) 1 Page - A-BRIGHT Inc

Part # AL-103BG1C
Description  10 mm Round LED Lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-103BG1C Datasheet(HTML) 1 Page - A-BRIGHT Inc

  AL-103BG1C Datasheet HTML 1Page - A-BRIGHT Inc AL-103BG1C Datasheet HTML 2Page - A-BRIGHT Inc AL-103BG1C Datasheet HTML 3Page - A-BRIGHT Inc AL-103BG1C Datasheet HTML 4Page - A-BRIGHT Inc AL-103BG1C Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-103BG1C
Diff No.
10 mm
Round
Type : LED Lamps
2006/9/27
1
Notes:
1. All dimensions are in millimeter.
2.An epoxy meniscus may extend about.
1. 5mm(0.059”) down to the lead
3.Tolerances unless Dimension ±0.25mm
Package Dimension︰
Features︰
Descriptions︰
Applications︰
Choice of various
viewing angles.
Available on Tape
and Reel.
Reliable and
robust.
The series is
specially designed
for application
requiring higher
brightness.
The LED lamps
are available with
different color,
intensities, epoxy
colors etc.
TV set
Monitor
Telephone


Similar Part No. - AL-103BG1C

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-103BG1C A-BRIGHT-AL-103BG1C Datasheet
311Kb / 5P
   10 mm Round LED Lamps
2006/9/27
logo
Lucky Light Electronic
AL-103BG1C LUCKY-LIGHT-AL-103BG1C_15 Datasheet
316Kb / 5P
   LED Lamps
More results

Similar Description - AL-103BG1C

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-103BG4C A-BRIGHT-AL-103BG4C Datasheet
238Kb / 5P
   10 mm Round LED Lamps
2009/2/25
AL-103BG4C A-BRIGHT-AL-103BG4C Datasheet
311Kb / 5P
   10 mm Round LED Lamps
2009/2/25
AL-103GD A-BRIGHT-AL-103GD Datasheet
310Kb / 5P
   10 mm Round LED Lamps
2006/9/26
AL-103UG1C A-BRIGHT-AL-103UG1C Datasheet
311Kb / 5P
   10 mm Round LED Lamps
2006/9/27
AL-103OR6C A-BRIGHT-AL-103OR6C Datasheet
311Kb / 5P
   10 mm Round LED Lamps
2006/9/27
AL-103TYC A-BRIGHT-AL-103TYC Datasheet
311Kb / 5P
   10 mm Round LED Lamps
2006/9/27
AL-103UY2C A-BRIGHT-AL-103UY2C Datasheet
311Kb / 5P
   10 mm Round LED Lamps
2006/9/27
AL-103TRC A-BRIGHT-AL-103TRC_09 Datasheet
238Kb / 5P
   10 mm Round LED Lamps
2009/2/25
AL-103TYC A-BRIGHT-AL-103TYC_09 Datasheet
238Kb / 5P
   10 mm Round LED Lamps
2009/2/25
AL-103B4C A-BRIGHT-AL-103B4C Datasheet
311Kb / 5P
   10 mm Round LED Lamps
2008/3/19
AL-103OR1C A-BRIGHT-AL-103OR1C Datasheet
311Kb / 5P
   10 mm Round LED Lamps
2006/9/27
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com