Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ST-442A Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. ST-442A
Description  Surface Mount Cermet Trimmers (single turn)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST-442A Datasheet(HTML) 6 Page - Vishay Siliconix

  ST-442A Datasheet HTML 1Page - Vishay Siliconix ST-442A Datasheet HTML 2Page - Vishay Siliconix ST-442A Datasheet HTML 3Page - Vishay Siliconix ST-442A Datasheet HTML 4Page - Vishay Siliconix ST-442A Datasheet HTML 5Page - Vishay Siliconix ST-442A Datasheet HTML 6Page - Vishay Siliconix ST-442A Datasheet HTML 7Page - Vishay Siliconix ST-442A Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Document Number: 58010
For technical questions contact: copalsupport@vishay.com
www.vishay.com
Revision: 06-Mar-06
6
ST-4
Surface Mount Cermet Trimmers (single turn)
Vishay
The products indicated by * mark are manufactured upon
receipt oforer basis
CFC’s, Halon, Carbon tetrachloride and designated bromic flame
retardant PBBOs and PBBs are not used in our products.
The products indicated by * mark are manufactured upon receipt of order basis.
* Slot: ST-4
Slot:-42
MAXIMUM INPUT RATINGS
Nominal
resistance
values (
Ω)
Resistance
code
Maximum
input voltage
(V)
Maximum
wiper current
(mA)
10*
100
1.00
100
20*
200
2.00
100
50
500
3.53
70.7
100
101
5.00
50.0
200
201
7.07
35.4
500
501
11.2
22.4
1 k
102
15.8
15.8
2 k
202
22.4
11.2
5 k
502
35.4
7.07
10 k
103
50.0
5.00
20 k
203
70.7
3.54
50 k
503
112
2.24
100 k
104
158
1.58
200 k
204
200
1.00
500 k
504
200
0.40
1 M
105
200
0.20
2 M
205
200
0.10
CONSTRUCTION
Part Name
Material
Flammability
1
Wiper
Multi metal alloy
-
2Cover
Stainless steel
(SUS 304)
3
Housing
Epoxy
UL-94V-O
4
Terminal pin
Sn-Pb
Copper alloy,
Solder-plated
-
Sn-Cu
Copper alloy,
Sn-Cu-plated
5
Base element
Ceramic
6
“O” ring
Silicone rubber
UL-94HB
7
Rotor
Polyphenylenesulphide
UL-94V-O
8
Electrode
Ag-Pd cermet
-
9
Resistive element
RuO2 cermet
1
6
8
4
3
9
5
7
2
LIST OF PART NUMBERS
Form of packing
Taping (reel)
Magazine (stick)
Adjustment
position
Shape of terminal
Sn-Pb
Sn (Lead (Pb)-free)
Sn-Pb
Sn (Lead (Pb)-free)
Top adjustment
A (J-hook)
ST-4/42TA
ST-4/42ETA
ST-4/42A
ST-4/42EA
B (Gull wing)
ST-4/42TB
ST-4/42ETB
ST-4/42B
ST-4/42EB
C (Through hole pins)
-
-
ST-4/42C
ST-4/42EC
Rear adjustment
D (Gull-wing)
ST-4/42TD*
ST-4/42ETD*
ST-4/42D*
ST-4/42ED*
F (Through hole pins)
-
-
ST-4/42F*
ST-4/42EF*
Side adjustment
G (J-hook)
ST-54/42TG
ST-4/42ETG
ST-4/42G
ST-4/42EG
H (Gull-wing)
ST-4/42TH
ST-4/42ETH
ST-4/42H
ST-4/42EH
Pieces in package
500 pcs./reel
100 pcs./reel


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn