Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRB-XS101M200V16x20F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRB-XS101M200V16x20F
Description  Miniature Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRB-XS101M200V16x20F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRB-XS101M200V16x20F Datasheet HTML 1Page - NIC-Components Corp. NRB-XS101M200V16x20F Datasheet HTML 2Page - NIC-Components Corp. NRB-XS101M200V16x20F Datasheet HTML 3Page - NIC-Components Corp. NRB-XS101M200V16x20F Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRB-XS Series
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/100KHz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@+105°C
NRB-XS100M160V10X16F
10
160
0.15
320
24.9
10,000
NRB-XS220M160V10X20F
22
0.15
500
11.3
10,000
NRB-XS330M160V10X20F
33
0.15
650
7.54
10,000
NRB-XS470M160V10X20F
47
0.15
750
5.29
10,000
NRB-XS680M160V12.5x20F
68
0.15
1180
3.66
12,000
NRB-XS101M160V12.5x25F
100
0.15
1420
2.49
12,000
NRB-XS101M160V16x20F
100
0.15
1420
2.49
12,000
NRB-XS151M160V16x25F
150
0.15
1890
1.66
12,000
NRB-XS221M160V18x25F
220
0.15
2370
1.13
12,000
NRB-XS100M200V10X16F
10
200
0.15
320
24.9
10,000
NRB-XS220M200V10X20F
22
0.15
500
11.3
10,000
NRB-XS330M200V10X20F
33
0.15
650
7.54
10,000
NRB-XS470M200V12.5X20F
47
0.15
980
5.29
12,000
NRB-XS680M200V12.5x25F
68
0.15
1300
3.66
12,000
NRB-XS680M200V16x20F
68
0.15
1300
3.66
12,000
NRB-XS820M200V16x20F
82
0.15
1380
3.03
12,000
NRB-XS101M200V16x20F
100
0.15
1420
2.49
12,000
NRB-XS151M200V16x25F
150
0.15
1890
1.66
12,000
NRB-XS4R7M250V8X11.5F
4.7
250
0.15
160
52.9
8,000
NRB-XS6R8M250V10X12.5F
6.8
0.15
250
36.6
8,000
NRB-XS100M250V10X16F
10
0.15
320
24.9
8,000
NRB-XS220M250V10X16V
22
0.15
470
11.3
10,000
NRB-XS220M250V10X20F
22
0.15
500
11.3
10,000
NRB-XS330M250V12.5X16F
33
0.15
760
7.54
12,000
NRB-XS330M250V12.5X20F
33
0.15
800
7.54
12,000
NRB-XS470M250V12.5X20F
47
0.15
980
5.29
12,000
NRB-XS560M250V12.5X20F
56
0.15
1080
4.45
12,000
NRB-XS560M250V18X16F
56
0.15
960
4.45
12,000
NRB-XS680M250V12.5X25F
68
0.15
1300
3.66
12,000
NRB-XS680M250V16x20F
68
0.15
1300
3.66
12,000
NRB-XS820M250V12.5X30F
82
0.15
1500
3.03
12,000
NRB-XS820M250V16x20F
82
0.15
1440
3.03
12,000
NRB-XS101M250V16x25F
100
0.15
1530
2.49
12,000
NRB-XS101M250V18X20F
100
0.15
1440
2.49
12,000
NRB-XS121M250V18X20F
120
0.15
1500
2.08
12,000
NRB-XS151M250V18x25F
150
0.15
1940
1.66
12,000
NRB-XS4R7M350V10X12.5F
4.7
350
0.20
150
70.6
8,000
NRB-XS5R6M350V10X12.5
5.6
0.20
180
59.2
8,000
NRB-XS6R8M350V10X16F
6.8
0.20
280
48.8
10,000
NRB-XS100M350V10X20F
10
0.20
350
33.2
10,000
NRB-XS220M350V12.5X20F
22
0.20
650
15.1
12,000
NRB-XS330M350V16X20F
33
0.20
900
10.1
12,000
NRB-XS470M350V16X20F
47
0.20
1080
7.06
12,000
NRB-XS680M350V18x25F
68
0.20
1470
4.88
12,000
NRB-XS820M350V18x25F
82
0.20
1530
4.05
12,000
NRB-XS1R0M400V8X11.5F
1.0
400
0.20
60
332
8,000
NRB-XS1R0M400V10X12.5F
1.0
0.20
70
332
8,000
NRB-XS1R5M400V8X11.5F
1.5
0.20
90
221
8,000
NRB-XS1R5M400V10X12.5F
1.5
0.20
100
221
8,000
NRB-XS1R8M400V8X11.5F
1.8
0.20
95
184
8,000
NRB-XS1R8M400V10X12.5F
1.8
0.20
120
184
8,000
NRB-XS2R2M400V8X11.5F
2.2
0.20
95
151
8,000
NRB-XS2R2M400V10X12.5F
2.2
0.20
140
151
8,000
NRB-XS3R3M400V10X12.5F
3.3
0.20
150
101
8,000
NRB-XS3R3M400V10X16F
3.3
0.20
180
101
10,000
NRB-XS4R7M400V10X16F
4.7
0.20
220
70.6
10,000
NRB-XS5R6M400V10X16F
5.6
0.20
250
59.2
10,000
NRB-XS6R8M400V10X16F
6.8
0.20
280
48.8
10,000
STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm)
Expanded Values


Similar Part No. - NRB-XS101M200V16x20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRB-XS101M200V16X20F NIC-NRB-XS101M200V16X20F Datasheet
165Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRB-XS101M200V16x20F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com