Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRB-KQ390M420V10X35F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRB-KQ390M420V10X35F
Description  Miniature Aluminum Electrolytic Cap ac it ors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRB-KQ390M420V10X35F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRB-KQ390M420V10X35F Datasheet HTML 1Page - NIC-Components Corp. NRB-KQ390M420V10X35F Datasheet HTML 2Page - NIC-Components Corp. NRB-KQ390M420V10X35F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NRB-KQ Series
Miniature Aluminum Electrolytic Capacitors
REDUCED SIZE, RADIAL LEADS, POLARIZED, ALUMINUM ELECTROLYTIC
• HIGH RIPPLE CURRENT, VOLTAGE (UP TO 450V)
• 2,000 HOUR LOAD LIFE
FEATURES
CHARACTERISTICS
Rated Voltage Range
400 ~ 450Vdc
Capacitance Range
27 ~ 220
μF
Operating Temperature Range
-40°C ~ +105°C
Capacitance Tolerance
±20% (M)
Maximum Leakage Current
at 20°C
3 *
CV after 5 minutes
Max. Tan
δ at 120Hz/20°C
W.V. (Vdc)
400
420
450
S.V. (Vdc)
450
470
500
Tan
δ
0.15
0.20
0.20
Low Temperature Stability
Impedance Ratio @ 120Hz
W.V. (Vdc)
400
420
450
Z-25°C/Z+20°C
566
Load Life Hours
Load Life Test at Rated W.V. & 105°C
Test
2,000 Hours
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified value
Leakage Current
Less than specified value
NRB-KQ 330 M 400V 10X30 TB F
TB = Tape & Box*
Working Voltage
Tolerance Code M=20%
Capacitance Code in
μF
Series
Case Size (mm)
RoHS Compliant
PART NUMBER SYSTEM
*see tape specification for details
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
*See Part Number System for Details
PN
b
S
f
D
il
RoHS
Compliant
includes all homogeneous materials


Similar Part No. - NRB-KQ390M420V10X35F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRB-XF100M450V10X16F NIC-NRB-XF100M450V10X16F Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRB-XF101M160V12.5X20F NIC-NRB-XF101M160V12.5X20F Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRB-XF101M160V18X16F NIC-NRB-XF101M160V18X16F Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRB-XF101M250V16X20F NIC-NRB-XF101M250V16X20F Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRB-XF120M400V10X16F NIC-NRB-XF120M400V10X16F Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
More results

Similar Description - NRB-KQ390M420V10X35F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NREJL NIC-NREJL Datasheet
89Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSG NIC-NRSG_14 Datasheet
106Kb / 6P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG_14 Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXY NIC-NRBXY_14 Datasheet
98Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXF NIC-NRBXF_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXL NIC-NRBXL Datasheet
105Kb / 5P
   Miniature Aluminum Electrolytic Cap ac it ors
NREJL NIC-NREJL_14 Datasheet
100Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSJ NIC-NRSJ_14 Datasheet
96Kb / 2P
   Miniature Aluminum Electrolytic Cap ac it ors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com