Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRCA Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NRCA
Description  Thick Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRCA Datasheet(HTML) 5 Page - NIC-Components Corp.

  NRCA Datasheet HTML 1Page - NIC-Components Corp. NRCA Datasheet HTML 2Page - NIC-Components Corp. NRCA Datasheet HTML 3Page - NIC-Components Corp. NRCA Datasheet HTML 4Page - NIC-Components Corp. NRCA Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Thick Film Chip Resistors
NRCA Series
(3) EMBOSSED PLASTIC TAPE SPECIFICATION
FIG. B.
P
1
A
F
1.1 Max.
W
B
D
P
0
Cover tape
E
* Same for JUMPER (ZO) types.
(4) REEL DIMENSIONS AND QUANTITIES
FIG. C.
2.0
± 0.5
L
Type
EIA Size
L
Quantity*
7" reel
10" reel
13" reel
NRCA04
0402
9.0 ± 0.5
10,000
n/a
n/a
NRCA06
0603
5,000
10,000
20,000
NRCA10
0805
5,000
10,000
20,000
NRCA12
1206
5,000
10,000
20,000
NRCA25
1210
5,000
10,000
20,000
NRCA50
2010
14.0 ± 0.2
4,000
n/a
n/a
NRCA100
2512
4,000
n/a
n/a
(2) PAPER TAPE DIMENSIONS (mm)
FIG. A
Type
EIA Size
A
B
D
E
F
P
o
P
1
T
2
W
NRCA04
0402
0.70 ± 0.10
1.20 ± 0.10
1.5 +0.1/-1
1.75 ± 0.1
3.5 ± 0.05
4.0 ± 0.1
2.0 ± 0.1
0.4 ± 0.05
8.0 ± 0.2
NRCA06
0603
1.10 ± 0.20
1.90 ± 0.20
4.0 ± 0.1
0.65 ± 0.05
NRCA10
0805
1.65 ± 0.20
2.40 ± 0.20
1.0 max.
NRCA12
1206
2.00 ± 0.20
3.60 ± 0.20
NRCA25
1210
3.00 ± 0.20
3.60 ± 0.20
Type
EIA Size
A
B
D
E
F
P
0
P
1
TW
NRCA50
2010
2.80 ± 0.20 5.50 ± 0.20
1.5 ± 0.1
1.75 ± 0.1
5.50 ± 0.05
4.0 ± 0.1
4.0 ± 0.05
1.2 max.
12.0 ± 0.1
NRCA100
2512
3.60 ± 0.20 6.90 ± 0.20
* Same for JUMPER (ZO) types.
* Same for JUMPER (ZO) types.
A
F
T
W
B
D
P
0
Cover tape
E
P
1


Similar Part No. - NRCA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRCAS NIC-NRCAS Datasheet
320Kb / 5P
   Sulfur Resistant Thick Film Chip Resistors
More results

Similar Description - NRCA

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com