Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPI16W4R7MTRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPI16W4R7MTRF
Description  NPI Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI16W4R7MTRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPI16W4R7MTRF Datasheet HTML 1Page - NIC-Components Corp. NPI16W4R7MTRF Datasheet HTML 2Page - NIC-Components Corp. NPI16W4R7MTRF Datasheet HTML 3Page - NIC-Components Corp. NPI16W4R7MTRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPI Power Inductors
NPI__W Series
Part Number
STANDARD VALUES - CASE SIZE 16 (4.45 x 6.6 x 2.92mm)
Inductance Value
(μH)
SRF (Typical)
MHz
DC Resistance
(
Ω)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPI16W1R0MTRF
1.0 ± 20%
130
0.05
2.9
2.9
100KHz
NPI16W1R5MTRF
1.5 ± 20%
115
0.05
2.8
2.6
NPI16W2R2MTRF
2.2 ± 20%
90
0.07
2.4
2.3
NPI16W3R3MTRF
3.3 ± 20%
70
0.08
2.0
2.0
NPI16W4R7MTRF
4.7 ± 20%
50
0.09
1.5
1.5
NPI16W6R8MTRF
6.8 ± 20%
45
0.13
1.4
1.2
NPI16W100MTRF
10 ± 20%
35
0.16
1.1
1.1
NPI16W150MTRF
15 ± 20%
30
0.23
1.0
0.90
NPI16W220MTRF
22 ± 20%
20
0.37
0.80
0.70
NPI16W330MTRF
33 ± 20%
15
0.51
0.60
0.58
NPI16W470MTRF
47 ± 20%
14
0.64
0.50
0.50
NPI16W680MTRF
68 ± 20%
11
0.86
0.40
0.50
NPI16W101MTRF
100 ± 20%
9.0
1.27
0.30
0.31
NPI16W151MTRF
150 ± 20%
6.0
2.00
0.25
0.27
NPI16W221MTRF
220 ± 20%
5.5
3.11
0.20
0.22
NPI16W331MTRF
330 ± 20%
5.0
3.80
0.16
0.18
NPI16W471MTRF
470 ± 20%
4.0
6.78
0.15
0.16
NPI16W681MTRF
680 ± 20%
3.0
9.20
0.12
0.14
NPI16W102MTRF
1000 ± 20%
2.0
13.8
0.07
0.10
Maximum +40°C temperature rise at Irms. Typcial -10% inductance change at Isat.
Part Number
STANDARD VALUES - CASE SIZE 31 (10.0 x 12.7 x 5.0mm)
Inductance Value
(μH)
SRF (Typical)
MHz
DC Resistance
(
Ω)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPI31W1R0MTRF
1.0 ± 20%
150
0.009
6.8
9.0
100KHz
NPI31W1R5MTRF
1.5 ± 20%
100
0.010
6.4
8.0
NPI31W2R2MTRF
2.2 ± 20%
85
0.012
6.1
7.0
NPI31W3R3MTRF
3.3 ± 20%
60
0.015
5.4
5.8
NPI31W4R7MTRF
4.7 ± 20%
45
0.018
4.8
5.2
NPI31W6R8MTRF
6.8 ± 20%
35
0.027
4.4
4.3
NPI31W100MTRF
10 ± 20%
25
0.038
3.9
3.4
NPI31W150MTRF
15 ± 20%
20
0.046
3.1
3.0
NPI31W220MTRF
22 ± 20%
18
0.085
2.7
2.5
NPI31W330MTRF
33 ± 20%
14
0.10
2.1
2.0
NPI31W470MTRF
47 ± 20%
11
0.14
1.8
1.8
NPI31W680MTRF
68 ± 20%
10
0.20
1.5
1.4
NPI31W101MTRF
100 ± 20%
7.0
0.28
1.3
1.1
NPI31W151MTRF
150 ± 20%
6.5
0.40
1.0
0.9
NPI31W221MTRF
220 ± 20%
5.0
0.61
0.8
0.8
NPI31W331MTRF
330 ± 20%
4.0
1.02
0.6
0.6
NPI31W471MTRF
470 ± 20%
3.0
1.27
0.5
0.5
NPI31W681MTRF
680 ± 20%
2.5
2.02
0.4
0.4
NPI31W102MTRF
1000 ± 20%
2.0
3.00
0.3
0.3
Maximum +40°C temperature rise at Irms. Typical -10% inductance change at Isat.


Similar Part No. - NPI16W4R7MTRF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NPI16W4R7MTRF ETC2-NPI16W4R7MTRF Datasheet
92Kb / 4P
   HIGH CURRENT, SMALL SIZE (UP TO 8.6 AMPS)
logo
NIC-Components Corp.
NPI16W4R7MTRF NIC-NPI16W4R7MTRF Datasheet
190Kb / 5P
   NPI Power Inductors
More results

Similar Description - NPI16W4R7MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPI_W NIC-NPI_W Datasheet
190Kb / 5P
   NPI Power Inductors
NPI_P NIC-NPI_P Datasheet
184Kb / 4P
   NPI Power Inductors
NPI_C NIC-NPI_C Datasheet
301Kb / 9P
   NPI Power Inductors
NPI-C NIC-NPI-C Datasheet
241Kb / 9P
   NPI Power Inductors
NPI-L NIC-NPI-L Datasheet
186Kb / 3P
   NPI Power Inductors
NPI-P NIC-NPI-P Datasheet
183Kb / 4P
   NPI Power Inductors
NPI_LS NIC-NPI_LS Datasheet
116Kb / 11P
   NPI Unshielded Power Inductors
NPI-LS NIC-NPI-LS Datasheet
121Kb / 11P
   NPI Unshielded Power Inductors
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com