Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIF104C3R2MLTRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPIF104C3R2MLTRF
Description  NPIF Flat Wire Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIF104C3R2MLTRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPIF104C3R2MLTRF Datasheet HTML 1Page - NIC-Components Corp. NPIF104C3R2MLTRF Datasheet HTML 2Page - NIC-Components Corp. NPIF104C3R2MLTRF Datasheet HTML 3Page - NIC-Components Corp. NPIF104C3R2MLTRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
NPIF__C Series
NPIF Flat Wire Power Inductors
Part Number
STANDARD VALUES - CASE SIZE 104 (10.4 x 10.4 x 4.5mm)
Inductance Value
(
μH)
DC Resistance
(m
Ω)
DC Current
Isat/Irms (Amps)
Test Frequency
NPIF104CR22YSTRF
0.22 ± 30%
2.2
18.0
100KHz
NPIF104CR36YLTRF
0.36 ± 30%
2.2
18.0
NPIF104CR45MSTRF
0.45 ± 20%
3.7
13.4
NPIF104CR80MLTRF
0.80 ± 20%
3.7
13.4
NPIF104CR80MSTRF
0.80 ± 20%
5.9
10.2
NPIF104C1R3MSTRF
1.3 ± 20%
11.8
7.3
NPIF104C1R4MLTRF
1.4 ± 20%
5.9
10.2
NPIF104C1R8MSTRF
1.8 ± 20%
18.6
5.4
NPIF104C2R2MLTRF
2.2 ± 20%
11.8
7.3
NPIF104C2R5MSTRF
2.5 ± 20%
21.8
5.0
NPIF104C3R2MLTRF
3.2 ± 20%
18.6
5.4
NPIF104C4R3MLTRF
4.3 ± 20%
21.8
5.0
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Part Number
STANDARD VALUES - CASE SIZE 105 (10.4 x 10.4 x 5.6mm)
Inductance Value
(
μH)
DC Resistance
(m
Ω)
DC Current
Isat/Irms (Amps)
Test Frequency
NPIF105CR15YHTRF
0.15 ± 30%
1.7
19.0
100KHz
NPIF105CR22YSTRF
0.22 ± 30%
1.7
19.0
NPIF105CR30YHTRF
0.30 ± 30%
2.4
17.7
NPIF105CR36YLTRF
0.36 ± 30%
1.7
19.0
NPIF105CR45MSTRF
0.45 ± 20%
2.4
17.7
NPIF105CR50MHTRF
0.50 ± 20%
4.1
13.0
NPIF105CR80MLTRF
0.80 ± 20%
2.4
16.0
NPIF105CR80MSTRF
0.80 ± 20%
4.1
13.0
NPIF105CR80MHTRF
0.80 ± 20%
5.3
11.2
NPIF105C1R2MHTRF
1.2 ± 20%
7.5
9.0
NPIF105C1R3M
STRF
1.3 ± 20%
5.3
11.2
NPIF105C1R4MLTRF
1.4 ± 20%
4.1
12.0
NPIF105C1R5MHTRF
1.5 ± 20%
10.5
7.8
NPIF105C1R8MSTRF
1.8 ± 20%
7.5
9.0
NPIF105C2R0MHTRF
2.0 ± 20%
12.4
7.4
NPIF105C2R2MLTRF
2.2 ± 20%
5.3
9.6
NPIF105C2R5MSTRF
2.5 ± 20%
10.5
7.8
NPIF105C3R0MHTRF
3.0 ± 20%
23.8
4.9
NPIF105C3R2MLTRF
3.2 ± 20%
7.5
7.8
NPIF105C3R2MSTRF
3.2 ± 20%
12.4
7.4
NPIF105C4R0MSTRF
4.0 ± 20%
18
6.2
NPIF105C4R3MLTRF
4.3 ± 20%
10.5
6.8
NPIF105C5R0MSTRF
5.0 ± 20%
23.8
4.9
NPIF105C5R7MLTRF
5.7 ± 20%
12.4
5.8
NPIF105C7R2MLTRF
7.2 ± 20%
18.0
5.3
NPIF105C8R8MLTRF
8.8 ± 20%
23.8
4.8


Similar Part No. - NPIF104C3R2MLTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIF104C3R2MLTRF NIC-NPIF104C3R2MLTRF Datasheet
164Kb / 4P
   NPIF Flat Wire Power Inductors
More results

Similar Description - NPIF104C3R2MLTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIF_C NIC-NPIF_C Datasheet
164Kb / 4P
   NPIF Flat Wire Power Inductors
logo
Coilcraft lnc.
A9860 COILCRAFT-A9860_15 Datasheet
394Kb / 2P
   Flat Wire Power Inductor
A9860-B COILCRAFT-A9860-B_15 Datasheet
394Kb / 2P
   Flat Wire Power Inductor
A9860-B COILCRAFT-A9860-B Datasheet
76Kb / 2P
   Flat Wire Power Inductor
logo
XFMRS Inc.
XFPQ2013-4R7M XFMRS-XFPQ2013-4R7M Datasheet
38Kb / 1P
   Flat Wire Power Inductor
logo
Murata Manufacturing Co...
KMP_3500 MURATA-KMP_3500 Datasheet
123Kb / 3P
   Flat Coil SM Power Inductors
logo
Pulse A Technitrol Comp...
PG0426NL PULSE-PG0426NL Datasheet
88Kb / 2P
   SMT POWER INDUCTORS Flat Coils
logo
Murata Manufacturing Co...
KMP_3600 MURATA-KMP_3600 Datasheet
123Kb / 3P
   Flat Coil SM Power Inductors
logo
Allied Components Inter...
FWECY1390 ALLIED-FWECY1390 Datasheet
688Kb / 1P
   Shielded Flat Wire Power Inductor
PCSFW189 ALLIED-PCSFW189 Datasheet
1Mb / 1P
   Shielded Power Choke Flat Wire
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com