Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPI17L1R5MTRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPI17L1R5MTRF
Description  NPI Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI17L1R5MTRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPI17L1R5MTRF Datasheet HTML 1Page - NIC-Components Corp. NPI17L1R5MTRF Datasheet HTML 2Page - NIC-Components Corp. NPI17L1R5MTRF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
116
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
117
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Isat and Irms
Isat (Saturation Current) - is the current required to decrease the inductance value by the specified
maximum amount (given as a percentage of the nominal inductance value).
Irms - is the current required to increase the temperature of the part a maximum specificed amount
(given as a temperature rise in °C).
In some instances Isat and Irms are shown separately with a maximum decrease in inductance speci-
fied at one current rating (Isat) and a maximum temperature rise specificed at another current rating
(Irms). In other cases one current value is given for both (specified as Idc) and represents the current at
which a specified maximum inductance decrease and a maximum specified temperature rise can occur.
The graph below illustrates change in inductance and temperature as current increases.
Based on the above graph Isat and Irms could be expressed as follows:
1. Isat and Irms can be shown as separate current values. The Isat current is a value of current that
could potentially produce a specified maximum inductance change (-5%, -10%, -20%, etc. of the nominal
value). In this case a 1.0A current has produced a -5% inductance change so 1.0A could be specified as
the inductor's Isat current rating. The Irms could be expressed as the current that produces a +40°C
temperature rise which in this case is about 1.18A.
2. Both Isat and Irms can be expressed using one current value (Idc). In the above graph 1.18A could be
specified as the Idc for the part noting that at 1.18A a potential +40°C temperature rise (equivalent to
Irms) and a -10% change in inductance (equivalent to Isat) could occur.
NPI & NPIS Series


Similar Part No. - NPI17L1R5MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPI104C NIC-NPI104C Datasheet
301Kb / 9P
   NPI Power Inductors
NPI104C100MTRF NIC-NPI104C100MTRF Datasheet
241Kb / 9P
   NPI Power Inductors
NPI104C100MTRF NIC-NPI104C100MTRF Datasheet
301Kb / 9P
   NPI Power Inductors
NPI104C101KTRF NIC-NPI104C101KTRF Datasheet
241Kb / 9P
   NPI Power Inductors
NPI104C101KTRF NIC-NPI104C101KTRF Datasheet
301Kb / 9P
   NPI Power Inductors
More results

Similar Description - NPI17L1R5MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPI-W NIC-NPI-W Datasheet
92Kb / 4P
   NPI Power Inductors
NPI_W NIC-NPI_W Datasheet
190Kb / 5P
   NPI Power Inductors
NPI_P NIC-NPI_P Datasheet
184Kb / 4P
   NPI Power Inductors
NPI_C NIC-NPI_C Datasheet
301Kb / 9P
   NPI Power Inductors
NPI-C NIC-NPI-C Datasheet
241Kb / 9P
   NPI Power Inductors
NPI-P NIC-NPI-P Datasheet
183Kb / 4P
   NPI Power Inductors
NPI_LS NIC-NPI_LS Datasheet
116Kb / 11P
   NPI Unshielded Power Inductors
NPI-LS NIC-NPI-LS Datasheet
121Kb / 11P
   NPI Unshielded Power Inductors
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com