Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHL08G270K Datasheet(PDF) 5 Page - Taiyo Yuden (U.S.A.), Inc

Part # LHL08G270K
Description  RADIAL LEADED INDUCTORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LHL08G270K Datasheet(HTML) 5 Page - Taiyo Yuden (U.S.A.), Inc

  LHL08G270K Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LHL08G270K Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LHL08G270K Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LHL08G270K Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LHL08G270K Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LHL08G270K Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LHL08G270K Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LHL08G270K Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LHL08G270K Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
312
アイテム一覧 PART NUMBERS
LHLC06G1R0M
1.0
98.0
0.049
2.5
LHLC06G1R5M
1.5
M
20L
67.0
0.066
2.1
LHLC06G2R2M
2.2
20.0
58.0
0.074
1.9
7.96
LHLC06G3R3M
3.3
37.0
0.11
1.6
LHLC06G4R7K
4.7
29.0
0.12
1.4
LHLC06G6R8K
6.8
24.0
0.14
1.3
LHLC06G100K
10.0
19.0
0.19
1.2
LHLC06G120K
12.0
17.0
0.20
1.15
LHLC06G150K
15.0
15.0
0.23
1.0
LHLC06G180K
18.0
13.0
0.26
0.95
LHLC06G220K
22.0
30.0
12.0
0.28
0.90
LHLC06G270K
27.0
M
10L
11.0
0.33
0.80
2.52
LHLC06G330K
33.0
9.4
0.37
0.73
LHLC06G390K
39.0
9.3
0.50
0.70
LHLC06G470K
47.0
9.2
0.57
0.63
LHLC06G560K
56.0
8.8
0.63
0.57
LHLC06G680K
68.0
25.0
8.2
0.70
0.53
LHLC06G820K
82.0
7.6
0.78
0.48
LHLC06G101K
100.0
6.9
0.92
0.42
0.796
LHLC06
形名のGには包装記号fTBDテーピング, NBD単品gが入ります。
G
Please specify the packaging code.fTB
DTaping, NBDBulkg
LHLZ06G1R0M
1.0
85.0
0.026
3.4
LHLZ06G1R5M
1.5
65.0
0.032
3.0
LHLZ06G2R2M
2.2
50.0
0.039
2.6
7.96
LHLZ06G3R3M
3.3
M
20L
20.0
35.0
0.047
2.3
LHLZ06G4R7M
4.7
28.0
0.055
2.1
LHLZ06G6R8M
6.8
23.0
0.070
1.9
LHLZ06G100K
10.0
18.0
0.10
1.7
LHLZ06G150K
15.0
30.0
14.0
0.14
1.3
LHLZ06G220K
22.0
9.5
0.19
1.2
LHLZ06G330K
33.0
8.2
0.28
0.92
2.52
LHLZ06G470K
47.0
20.0
7.7
0.35
0.82
LHLZ06G680K
68.0
M
10L
6.9
0.50
0.71
LHLZ06G101K
100.0
5.6
0.77
0.57
LHLZ06G151K
150.0
4.2
1.2
0.47
LHLZ06G221K
220.0
30.0
3.8
2.0
0.36
LHLZ06G331K
330.0
3.1
2.5
0.31
0.796
LHLZ06G471K
470.0
2.4
3.9
0.24
LHLZ06G681K
680.0
50.0
2.1
5.0
0.21
LHLZ06G102J
1000.0
M
5L
1.6
9.5
0.16
0.252
LHLZ06
形名のGには包装記号fTBDテーピング, NBD単品gが入ります。
G
Please specify the packaging code.fTB
DTaping, NBDBulkg
公  称
インダクタンス
Inductance
[AH]
形  名
Ordering code
測 定
周波数
Measuring
frequency
h
MHzi
定格電流
Rated
current
h
Ai
f
max.g
直流抵抗
DC
Resistance
hEi
f
max.g
自己共振
周波 数
Self-resonant
frequency
h
MHzi
f
min.g
Q
f
min.g
インダクタンス
許容差
Inductance
Tolerance
公  称
インダクタンス
Inductance
[AH]
形  名
Ordering code
測 定
周波数
Measuring
frequency
h
MHzi
定格電流
Rated
current
h
Ai
f
max.g
直流抵抗
DC
Resistance
hEi
f
max.g
自己共振
周波 数
Self-resonant
frequency
h
MHzi
f
min.g
Q
f
min.g
インダクタンス
許容差
Inductance
Tolerance


Similar Part No. - LHL08G270K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL08 TAIYO-YUDEN-LHL08 Datasheet
677Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08100K TAIYO-YUDEN-LHL08100K Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08100K TAIYO-YUDEN-LHL08100K Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08100K TAIYO-YUDEN-LHL08100K Datasheet
502Kb / 21P
   RADIAL LEADED INDUCTORS
LHL08100K TAIYO-YUDEN-LHL08100K Datasheet
677Kb / 20P
   RADIAL LEADED INDUCTORS
More results

Similar Description - LHL08G270K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com