Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX101156 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AX101156
Description  Belden IBDN FiberExpress Systems
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX101156 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AX101156 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX101156 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX101156 Datasheet HTML 8Page - List of Unclassifed Manufacturers AX101156 Datasheet HTML 9Page - List of Unclassifed Manufacturers AX101156 Datasheet HTML 10Page - List of Unclassifed Manufacturers AX101156 Datasheet HTML 11Page - List of Unclassifed Manufacturers AX101156 Datasheet HTML 12Page - List of Unclassifed Manufacturers AX101156 Datasheet HTML 13Page - List of Unclassifed Manufacturers AX101156 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
COMMERCIAL
NETWORKING
OPT IC AL
FIBE R
16.10
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Fiber
Express Secure/Keyed LC System
Adapter Modules, Adapter Strips and Fiber
Express Manager Modules
Fiber
Express Secure/Keyed LC System
The Fiber
Express Secure/Keyed LC System allows for physical segregation of networks segments in
secure fiber cabling infrastructures. All Secure/Keyed LC products are available with 6 different keying
options each carrying a different color to facilitate network administration. The keying detail inside the
connector is totally tamper-resistant and cannot be re-produced inside a standard LC connector to violate
the network security. All products comply with the FOCIS 10 standard and optical performance exceeds
all industry standards for SFF connectors.
The Secure/Keyed LC Adapter Modules and Adapter Strips can be used in all mounting hardware for
workstation area, Consolidation Point or Telecom Room applications.
The Secure/Keyed LC Fiber
Express Manager Modules can be used in 19 and 23 inch FiberExpress
Manager Shelves to provide a high-density management system of up to 1920 terminated fibers per rack.
K1, Red
K2, Green
K3, Yellow
K6, Blue
K5, Orange
K4, Black
Belden Part Number
Fiber
Express Secure/Keyed LC System
Secure/Keyed LC Adapter Module*
Gray holder
AX102089
AX102090
AX102091
AX102092
AX102093
AX102094
Almond holder
AX102095
AX102096
AX102097
AX102098
AX102099
AX102100
White holder
AX102101
AX102102
AX102103
AX102104
AX102105
AX102106
Black holder
AX102107
AX102108
AX102109
AX102110
AX102111
AX102112
Secure/Keyed LC Fiber
Express Adapter Strip*
12 fibers
AX102119
AX102120
AX102121
AX102122
AX102123
AX102124
24 fibers
AX102125
AX102126
AX102127
AX102128
AX102129
AX102130
Secure/Keyed LC Fiber
Express Manager Module*
12 fibers
AX102113
AX102114
AX102115
AX102116
AX102117
AX102118
24 fibers
AX102310
AX102311
AX102312
AX102313
AX102314
AX102315
* Patent Pending.
These products are in the process of being assessed for RoHS compliance. Please check our Web Site for the most current RoHS status.
Description
AX102114 Secure/Keyed LC
Fiber
Express Manager Module
AX102098 Secure/Keyed LC Adapter Module
AX102124 Secure/Keyed LC Adapter Strip


Similar Part No. - AX101156

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX101045 ETC2-AX101045 Datasheet
110Kb / 4P
   Modular Connectors - CAT5E Modular Jack - MDVO style
AX101046 ETC2-AX101046 Datasheet
110Kb / 4P
   Modular Connectors - CAT5E Modular Jack - MDVO style
AX101047 ETC2-AX101047 Datasheet
110Kb / 4P
   Modular Connectors - CAT5E Modular Jack - MDVO style
AX101071 ETC2-AX101071 Datasheet
109Kb / 3P
   Modular Connectors - CAT6 Modular Jack - MDVO style
AX101075 ETC2-AX101075 Datasheet
534Kb / 14P
   FiberExpress Connectors
More results

Similar Description - AX101156

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8103 BELDEN-8103 Datasheet
201Kb / 2P
   Belden Inc. [BELDEN]^1310
01-20-2023
logo
List of Unclassifed Man...
AX101981 ETC2-AX101981 Datasheet
534Kb / 14P
   FiberExpress Connectors
AX103821 ETC2-AX103821 Datasheet
106Kb / 3P
   Faceplates and Panels - FiberExpress Ultra Cassette
AX103713 ETC2-AX103713 Datasheet
98Kb / 3P
   Faceplates and Panels - FiberExpress Ultra Cassette
AX104268 ETC2-AX104268 Datasheet
140Kb / 3P
   Connectivity Accessories - FiberExpress Brilliance Basic Kit
AX103912 ETC2-AX103912 Datasheet
97Kb / 2P
   Faceplates and Panels - FiberExpress Ultra Splice Tray 8 inches
AX103914 ETC2-AX103914 Datasheet
96Kb / 2P
   Faceplates and Panels - FiberExpress Ultra Splice Tray 12 inches
logo
Winchester Electronics ...
1203-34-9 WINCHESTER-1203-34-9 Datasheet
69Kb / 1P
   FOR USE WITH BELDEN RF 500 CABLE
logo
Amphenol Corporation
C031-70260 AMPHENOL-C031-70260 Datasheet
128Kb / 1P
   MINI BNC CRIMP PLUG BELDEN 8218 CABLE
031-5998-RFX AMPHENOL-031-5998-RFX Datasheet
79Kb / 1P
   BNC CRIMP PLUG (FOR BELDEN 8214,9913,9914)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com