Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAZ18 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SMAZ18
Description  1.0W SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMAZ18 Datasheet(HTML) 3 Page - Diodes Incorporated

  SMAZ18 Datasheet HTML 1Page - Diodes Incorporated SMAZ18 Datasheet HTML 2Page - Diodes Incorporated SMAZ18 Datasheet HTML 3Page - Diodes Incorporated SMAZ18 Datasheet HTML 4Page - Diodes Incorporated SMAZ18 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMAZ5V1 - SMAZ39
Document number: DS18015 Rev. 16 - 2
3 of 5
www.diodes.com
June 2009
© Diodes Incorporated
SMAZ5V1 - SMAZ39
0.1
1
10
20
0
0.5
1.0
1.5
2.0
2.5
V
, PEAK FORWARD VOLTAGE (V)
Fig. 3 Peak Forward Current vs. Peak Forward Voltage
FM
T = 25 C
J
°
0.001
0.01
0.1
1
10
100
1,000
2,000
110
100
500
V , ZENER REGULATION VOLTAGE (V)
Fig. 4 Leakage Current vs. Regulation Voltage
ZT
0.1
1
10
100
1,000
110
100
500
V , ZENER REGULATION VOLTAGE (V)
Fig. 5 Differential Resistance vs. Regulation Voltage
ZT
I
= 5.0mA
ZT
I
= 20mA
ZT
I
= 100mA
ZT
I
= 10mA
ZT
Ordering Information (Note 5)
Device*
Packaging
Shipping
SMAZx-13-F
SMA
5000/Tape & Reel
*x = Device Voltage, e.g., SMAZ5V1-13-F.
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
xxx = Product type marking code
(See Electric Characteristics Table)
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year (ex: 2 for 2002)
WW = Week code 01 to 52
YWW
xxx


Similar Part No. - SMAZ18

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAZ18 DIODES-SMAZ18 Datasheet
60Kb / 3P
   1.0A SURFACE MOUNT ZENER DIODE
DS18015 Rev. 9 - 2
SMAZ18 DIODES-SMAZ18 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ18 DIODES-SMAZ18 Datasheet
369Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
SMAZ18 VISHAY-SMAZ18 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ18 DIODES-SMAZ18 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
More results

Similar Description - SMAZ18

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
logo
Vishay Siliconix
SMAZ100 VISHAY-SMAZ100 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_09 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 16 - 2
logo
Won-Top Electronics
1SMA4738A WTE-1SMA4738A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZM4728A DIODES-ZM4728A Datasheet
64Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
DS18009 Rev. 3 - 3
SMAZ5V1 DIODES-SMAZ5V1_15 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com