Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3203EEY-L Datasheet(PDF) 5 Page - Exar Corporation

Part # SP3203EEY-L
Description  3V RS-232 Serial Transceiver with Logic Selector and 15kV ESD Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3203EEY-L Datasheet(HTML) 5 Page - Exar Corporation

  SP3203EEY-L Datasheet HTML 1Page - Exar Corporation SP3203EEY-L Datasheet HTML 2Page - Exar Corporation SP3203EEY-L Datasheet HTML 3Page - Exar Corporation SP3203EEY-L Datasheet HTML 4Page - Exar Corporation SP3203EEY-L Datasheet HTML 5Page - Exar Corporation SP3203EEY-L Datasheet HTML 6Page - Exar Corporation SP3203EEY-L Datasheet HTML 7Page - Exar Corporation SP3203EEY-L Datasheet HTML 8Page - Exar Corporation SP3203EEY-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3203E_00_2080
Figure . SP3203E Typical Operating Circuit
TYPICAL OPERATING CIRCUIT
SP3203E
1
3
5
4
2
6
19
GND
T1IN
T2IN
C1+
C1-
C2+
C2-
V+
V-
VCC
7
8
+
C2
C5
C1
+
+
C3
C4
+
+
17
16
RS-232
OUTPUTS
RS-232
INPUTS
TTL/CMOS
INPUTS
+3V to +5.5V
18
5KΩ
R1OUT
11
14
5KΩ
R2IN
R2OUT
10
13
TTL/CMOS
OUTPUTS
R1IN
T2OUT
T1OUT
Shutdown
20
12
VL
T3IN
9
15
T3OUT
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF


Similar Part No. - SP3203EEY-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3203EEY-L EXAR-SP3203EEY-L_15 Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
More results

Similar Description - SP3203EEY-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3203ECY-L EXAR-SP3203ECY-L Datasheet
649Kb / 16P
   3V RS-232 Serial Transceiver with Logic Selector and 15kV ESD Protection
logo
Sipex Corporation
SP3203E SIPEX-SP3203E_05 Datasheet
116Kb / 16P
   3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
SP3203E SIPEX-SP3203E Datasheet
509Kb / 16P
   3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
SP3203 SIPEX-SP3203 Datasheet
121Kb / 14P
   3V RS-232 Serial Transceiver with Logic Selector
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
SP3203E EXAR-SP3203E Datasheet
649Kb / 16P
   3V RS-232 Serial Transceiver
logo
Maxim Integrated Produc...
MAX3387E MAXIM-MAX3387E_10 Datasheet
171Kb / 14P
   3V, ±15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
Rev 3; 6/10
AN654 MAXIM-AN654 Datasheet
249Kb / 8P
   New RS-232 ICs Feature 1uA Supply Current, 15kV ESD Protection, and 3V Operation
Mar 31, 2000
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST207E STMICROELECTRONICS-ST207E Datasheet
62Kb / 9P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com