Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHLC06G1R5M Datasheet(PDF) 4 Page - Taiyo Yuden (U.S.A.), Inc

Part # LHLC06G1R5M
Description  RADIAL LEADED INDUCTORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LHLC06G1R5M Datasheet(HTML) 4 Page - Taiyo Yuden (U.S.A.), Inc

  LHLC06G1R5M Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LHLC06G1R5M Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LHLC06G1R5M Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LHLC06G1R5M Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LHLC06G1R5M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LHLC06G1R5M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LHLC06G1R5M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LHLC06G1R5M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LHLC06G1R5M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
311
5
アイテム一覧 PART NUMBERS
形名のGには包装記号fTBDテーピング, NBD単品gが入ります。
G
Please specify the packaging code.fTB
DTaping, NBDBulkg
LHL06G1R0M
1.0
87.0
0.15
750.0
LHL06G1R2M
1.2
78.0
0.16
720.0
LHL06G1R5M
1.5
76.0
0.17
680.0
LHL06G1R8M
1.8
M
20L
70.0
0.18
650.0
LHL06G2R2M
2.2
57.0
0.20
610.0
LHL06G2R7M
2.7
47.0
0.25
580.0
7.96
LHL06G3R3M
3.3
40.0
0.26
560.0
LHL06G3R9K
3.9
35.0
0.27
530.0
LHL06G4R7K
4.7
32.0
0.30
510.0
LHL06G5R6K
5.6
25.0
0.34
480.0
LHL06G6R8K
6.8
23.0
0.38
460.0
LHL06G8R2K
8.2
22.0
0.39
440.0
LHL06G100K
10.0
18.0
0.47
410.0
LHL06G120K
12.0
17.0
0.39
400.0
LHL06G150K
15.0
16.0
0.46
380.0
LHL06G180K
18.0
14.0
0.51
360.0
LHL06G220K
22.0
13.0
0.52
340.0
LHL06G270K
27.0
11.0
0.62
320.0
2.52
LHL06G330K
33.0
10.0
0.68
300.0
LHL06G390K
39.0
8.9
0.78
290.0
LHL06G470K
47.0
8.5
0.85
270.0
LHL06G560K
56.0
M
10L
8.2
0.90
250.0
LHL06G680K
68.0
7.2
1.1
245.0
LHL06G820K
82.0
50.0
7.0
1.2
230.0
LHL06G101K
100.0
6.8
1.4
210.0
LHL06G121K
120.0
6.6
1.5
190.0
LHL06G151K
150.0
5.8
1.7
170.0
LHL06G181K
180.0
5.2
2.0
165.0
LHL06G221K
220.0
4.7
2.3
160.0
LHL06G271K
270.0
4.6
2.6
130.0
0.796
LHL06G331K
330.0
4.0
3.1
120.0
LHL06G391K
390.0
3.5
3.9
110.0
LHL06G471K
470.0
3.4
4.4
100.0
LHL06G561K
560.0
3.1
4.8
85.0
LHL06G681K
680.0
2.9
6.8
80.0
LHL06G821K
820.0
2.5
7.9
75.0
LHL06G102J
1000.0
2.4
10.0
65.0
LHL06G122J
1200.0
2.0
12.0
58.0
LHL06G152J
1500.0
1.8
17.0
54.0
LHL06G182J
1800.0
1.7
20.0
51.0
LHL06G222J
2200.0
1.6
21.0
49.0
LHL06G272J
2700.0
1.5
26.0
44.0
0.252
LHL06G332J
3300.0
M
5L
1.3
34.0
37.0
LHL06G392J
3900.0
1.2
38.0
35.0
LHL06G472J
4700.0
1.1
42.0
33.0
LHL06G562J
5600.0
1.0
52.0
30.0
LHL06G682J
6800.0
0.9
74.0
26.0
LHL06G822J
8200.0
0.8
84.0
24.0
LHL06G103J
10000.0
40.0
0.7
96.0
22.0
0.0796
LHL06
公  称
インダクタンス
Inductance
[AH]
形  名
Ordering code
測 定
周波数
Measuring
frequency
h
MHzi
定格電流
Rated
current
h
mAi
f
max.g
直流抵抗
DC
Resistance
hEi
f
max.g
自己共振
周波 数
Self-resonant
frequency
h
MHzi
f
min.g
Q
f
min.g
インダクタンス
許容差
Inductance
Tolerance


Similar Part No. - LHLC06G1R5M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHLC08 TAIYO-YUDEN-LHLC08 Datasheet
677Kb / 20P
   RADIAL LEADED INDUCTORS
LHLC08TB100K TAIYO-YUDEN-LHLC08TB100K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLC08TB101K TAIYO-YUDEN-LHLC08TB101K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLC08TB102J TAIYO-YUDEN-LHLC08TB102J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLC08TB103J TAIYO-YUDEN-LHLC08TB103J Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results

Similar Description - LHLC06G1R5M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com