Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC3FBAV2-0 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # NC3FBAV2-0
Description  The next generation of the worldwide accepted standard
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NC3FBAV2-0 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button NC3FBAV2-0 Datasheet HTML 7Page - List of Unclassifed Manufacturers NC3FBAV2-0 Datasheet HTML 8Page - List of Unclassifed Manufacturers NC3FBAV2-0 Datasheet HTML 9Page - List of Unclassifed Manufacturers NC3FBAV2-0 Datasheet HTML 10Page - List of Unclassifed Manufacturers NC3FBAV2-0 Datasheet HTML 11Page - List of Unclassifed Manufacturers NC3FBAV2-0 Datasheet HTML 12Page - List of Unclassifed Manufacturers NC3FBAV2-0 Datasheet HTML 13Page - List of Unclassifed Manufacturers NC3FBAV2-0 Datasheet HTML 14Page - List of Unclassifed Manufacturers NC3FBAV2-0 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
18
NC3FXS
NC3FX-SPEC
NC3FXS
NC3FXS-B
NC3FX-SPEC
innovative
solutions
I superior quality
Available exclusively in a 3 pin female configuration
Features a noiseless ON/OFF switch which shorts pins
2 and 3 together muting the signal voltage between
conductors
For use with a microphone that does not have its own
On/Off switch
Rugged zinc diecast shell, long lasting and durable
Chuck type strain relief system for secure clamping of
cables
Boot with rubber gland gives high protection against
bending stresses
Available in a 3 pin female standard configuration with
Gold plated contacts
Features a locking ring which is secured with a M2.5 screw
and 1.27 mm allen wrench
Offers the highest security protection for your microphones
Protects against accidental disconnects and theft
Black chrome housing and locking ring
Eliminates movements and noises
FXS Series
FX-SPEC Series
Switch activating ring
Locking ring
XLR
Cable
Connectors
T echnical
Data


Similar Part No. - NC3FBAV2-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NC3FBAV2-0 ETC2-NC3FBAV2-0 Datasheet
6Mb / 29P
   The next generation of the worldwide accepted standard
More results

Similar Description - NC3FBAV2-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE8FBH ETC2-NE8FBH Datasheet
6Mb / 29P
   The next generation of the worldwide accepted standard
logo
Hirose Electric
IX HIROSE-IX_18 Datasheet
296Kb / 6P
   Conforming to IEC Standard The Next-Generation Ethernet Connector for Industrial Equipment
logo
Omron Electronics LLC
E3XDA51S2M OMRON-E3XDA51S2M Datasheet
5Mb / 35P
   Evolution and Perfection The next-generation platform for a wide range of sensing
logo
Infineon Technologies A...
ICE5AR4770AG INFINEON-ICE5AR4770AG Datasheet
2Mb / 42P
   The ICE5xRxxxxAG is the 5th generation of fixed
V 2.2 2018-03-02
ICE5AR4770BZS INFINEON-ICE5AR4770BZS Datasheet
1Mb / 36P
   The ICE5ARxxxxBZS is the 5th generation of fixed
V 2.1 2018-02-27
logo
Integrated Device Techn...
ICS97U2A845A IDT-ICS97U2A845A Datasheet
220Kb / 13P
   Double the drive of the standard 97U877 device
logo
PHOENIX CONTACT
2701625 PHOENIX-2701625 Datasheet
64Kb / 5P
   Generation and monitoring of the SafetyBridge protocol
logo
Sanyo Semicon Device
10TPB68MC SANYO-10TPB68MC Datasheet
103Kb / 2P
   standard products corresponding to the diversification of the needs
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
   Crimping Next Generation
logo
Allegro MicroSystems
A8600 ALLEGRO-A8600 Datasheet
2Mb / 52P
   Designed to provide the power supply requirements of next generation car audio and infotainment systems, the A8600 provides all the control and protection circuitry to produce...
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com