Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHL06G3R9K Datasheet(PDF) 9 Page - Taiyo Yuden (U.S.A.), Inc

Part # LHL06G3R9K
Description  RADIAL LEADED INDUCTORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LHL06G3R9K Datasheet(HTML) 9 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LHL06G3R9K Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LHL06G3R9K Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LHL06G3R9K Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LHL06G3R9K Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LHL06G3R9K Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LHL06G3R9K Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LHL06G3R9K Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LHL06G3R9K Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc LHL06G3R9K Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
316
LHF15BB470K
47.0
4.2
0.050
4.2
LHF15BB560K
56.0
40.0
4.1
0.056
3.8
2.52
LHF15BB680K
68.0
3.5
0.065
3.5
LHF15BB820K
82.0
25.0
3.0
0.080
3.2
LHF15BB101K
100.0
2.9
0.095
2.9
LHF15BB121K
120.0
50.0
2.7
0.10
2.7
LHF15BB151K
150.0
2.3
0.13
2.5
LHF15BB181K
180.0
2.1
0.15
2.3
LHF15BB221K
220.0
M
10L
1.8
0.19
2.0
LHF15BB271K
270.0
30.0
1.7
0.20
1.8
0.796
LHF15BB331K
330.0
1.6
0.28
1.6
LHF15BB391K
390.0
1.4
0.37
1.4
LHF15BB471K
470.0
20.0
1.3
0.40
1.3
LHF15BB561K
560.0
1.3
0.46
1.2
LHF15BB681K
680.0
1kHz
15.0
1.0
0.62
1.1
LHF15BB821K
820.0
5.0
0.92
0.70
1.0
LHF15BB102J
1000.0
1.0
0.67
0.95
LHF15BB122J
1200.0
0.90
0.75
0.85
LHF15BB152J
1500.0
0.75
1.1
0.75
LHF15BB182J
1800.0
0.72
1.2
0.67
LHF15BB222J
2200.0
20.0
0.65
1.4
0.60
LHF15BB272J
2700.0
0.52
1.9
0.55
0.252
LHF15BB332J
3300.0
M
5L
0.50
2.2
0.50
LHF15BB392J
3900.0
0.48
2.4
0.45
LHF15BB472J
4700.0
0.44
2.8
0.40
LHF15BB562J
5600.0
15.0
0.39
3.7
0.36
LHF15BB682J
6800.0
0.37
4.3
0.33
LHF15BB822J
8200.0
0.30
5.7
0.30
LHF15BB103J
10000.0
70.0
0.28
6.6
0.25
0.0796
アイテム一覧 PART NUMBERS
LHF15BB
公  称
インダクタンス
Inductance
[AH]
形  名
Ordering code
定格電流
Rated
current
h
Ai
f
max.g
直流抵抗
DC
Resistance
hEi
f
max.g
自己共振
周波 数
Self-resonant
frequency
h
MHzi
f
min.g
Q
f
min.g
インダクタンス
許容差
Inductance
Tolerance
Q
測定周波数
Q Measuring
frequency
h
MHzi
L
測定
周波数
L Measuring
frequency


Similar Part No. - LHL06G3R9K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
More results

Similar Description - LHL06G3R9K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com