Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHL06G3R3M Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # LHL06G3R3M
Description  RADIAL LEADED INDUCTORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LHL06G3R3M Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  LHL06G3R3M Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LHL06G3R3M Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LHL06G3R3M Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LHL06G3R3M Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LHL06G3R3M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LHL06G3R3M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LHL06G3R3M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LHL06G3R3M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LHL06G3R3M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
309
外形寸法 EXTERNAL DIMENSIONS
5
LAV35
LHL06
LHLC06
LHLZ06
LHL08
LHL10
LHL13
LHL16
LHF15BB LHFP13BB LHFP15BB
Inductance 直流抵抗 定格電流 直流抵抗 定格電流 直流抵抗 定格電流 直流抵抗 定格電流 直流電流 定格電流 直流抵抗 定格電流 直流抵抗 定格電流 直流抵抗 定格電流 直流電流 定格電流 直流電流 定格電流 直流電流 定格電流
DC Rated DC Rated DC Rated DC Rated DC Rated DC Rated DC Rated DC Rated DC Rated DC Rated DC Rated
Resistance current Resistance current Resistance current Resistance current Resistance current Resistance current Resistance current Resistance current Resistance current Resistance current Resistance current
h
HihEi
h
AihEi
h
AihEi
h
AihEi
h
AihEi
h
Ai
hEi
h
AihEi
h
AihEi
h
AihEi
h
AihEi
h
AihEi
h
Ai
max. max. max. max. max. max. max. max. max. max. max. max. max. max. max. max. max. max. max. max. max. max.
1.0A
0.17
0.79
0.15
0.75 0.049
2.5
0.026
3.4
0.013
4.7
B
BBB
B
BBB
BBB
B
10A
0.45
0.46
0.47
0.41
0.19
1.2
0.10
1.7
0.041
2.4
0.034
3.2
0.023
4.5
B
BBB
0.024
4.4
BB
100A
3.3
0.15
1.4
0.21
0.92
0.42
0.77
0.57
0.32
0.79
0.18
1.2
0.12
2.0
0.077
2.9
0.095
2.9
0.15
1.6
0.078
2.5
1.0m
28.0 0.055 10.0 0.065
BB
9.5
0.16
2.7
0.25
1.8
0.41
1.2
0.60
0.74
0.86
0.67
0.95
1.4
0.50
0.94
0.72
10m
BB
96.0 0.022
BBBB
32.0 0.070 19.0
0.12
10.0
0.19
7.3
0.25
6.6
0.25
12
0.16
8.3
0.22
100m
BB
BB
BBBBB
B
240.0 0.031
BB
B
BBB
BBB
B
Fig.
D
6.0max
6.8max
7.5max
7.8max
9.0max
11.0max
14.0max
17.0max
18.0max
14.5max
16.0max
f
0.236maxgf0.268maxgf0.295maxgf0.307maxgf0.354maxgf0.433maxgf0.551maxgf0.669maxgf0.709maxgf0.571maxgf0.630maxg
H
2
8.0max
11.0max
11.0max
11.0max
9.5max
14.0max
17.0max
21.0max
23.0max
20.0max
23.0max
f
0.315maxgf0.433maxgf0.433maxgf0.433maxgf0.374maxgf0.551maxgf0.669maxgf0.827maxgf0.906maxgf0.788maxgf0.906maxg
b
BB
5.0M1.0
5.0M1.0
5.0M1.0
5.0M1.0
5.0M1.0
5.0M1.0
5.0M1.0
5.0M1.0
5.0M1.0
5.0M1.0
f
0.197M0.039gf0.197M0.039gf0.197M0.039gf0.197M0.039gf0.197M0.039gf0.197M0.039gf0.197M0.039gf0.197M0.039gf0.197M0.039gf0.197M0.039g
F
BB
5.0M1.0
5.0M1.0
5.0M1.0
5.0M1.0
5.0M1.0
7.5M1.0
7.5M1.0
10.0M1.0
7.5M1.0
7.5M1.0
f
0.197M0.039gf0.197M0.039gf0.197M0.039gf0.197M0.039gf0.197M0.039gf0.295M0.039gf0.295M0.039gf0.394M0.039gf0.295M0.039gf0.295M0.039g
B
d
0.5M0.05
0.6M0.05
0.6M0.05
0.6M0.05
0.6M0.05
0.6M0.05
0.8M0.05
0.8M0.05
1.0M0.05
0.8M0.05
0.8M0.05
f
0.020M0.002gf0.024M0.002gf0.024M0.002gf0.024M0.002gf0.024M0.002gf0.024M0.002gf0.031M0.002gf0.031M0.002gf0.039M0.002gf0.031M0.002gf0.031M0.002g
P.310
P.320
P.336
P.10
P.318
LAV35
LHL06
LHLC06
LHLZ06
LHL08
LHL10
LHL13
LHL16
LHF15BB LHFP13BB LHFP15BB
Type
Range
0.22A
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
1.0A
1.0A
1.0A
3.3A
47A
47A
10A
10m
10m
10m
150m
33m
100A
10m
1.0m
概略バリエーション AVAILABLE INDUCTANCE RANGE
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
Unit
Dmmfinchg
Type
LAV35
LHL06
LHLC06
LHLZ06
LHL08
LHL10
LHL13
LHL16
LHF15BB
LHFP13BB
LHFP15BB
アイテム一覧
Part Numbers
特性図
Electrical Characteristics
梱包
Packaging
信頼性
Reliability Data
使用上の注意
Precautions
セレクションガイド
Selection Guide
0.22A
1.0A
10A
100A
1.0m
10m
100m
etc
1.0A
1.0m
47A
10m
10A
10m
P.354


Similar Part No. - LHL06G3R3M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
More results

Similar Description - LHL06G3R3M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com