Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC3FBV1-D Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # NC3FBV1-D
Description  The next generation of the worldwide accepted standard
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NC3FBV1-D Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  NC3FBV1-D Datasheet HTML 1Page - List of Unclassifed Manufacturers NC3FBV1-D Datasheet HTML 2Page - List of Unclassifed Manufacturers NC3FBV1-D Datasheet HTML 3Page - List of Unclassifed Manufacturers NC3FBV1-D Datasheet HTML 4Page - List of Unclassifed Manufacturers NC3FBV1-D Datasheet HTML 5Page - List of Unclassifed Manufacturers NC3FBV1-D Datasheet HTML 6Page - List of Unclassifed Manufacturers NC3FBV1-D Datasheet HTML 7Page - List of Unclassifed Manufacturers NC3FBV1-D Datasheet HTML 8Page - List of Unclassifed Manufacturers NC3FBV1-D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
12
NC*FXX
NC*MXX
NC3FXX
NC6MXX-B
NC3FXX-EMC
NC3MXX-EMC
innovative
solutions
I superior quality
XLR
Cable
Connectors
XLR
Cable
Connectors
cable shield
ground contacts
signalcontacts
ferritebead
connector shell
3
2
1
The next generation of the worldwide accepted standard
Unique cage type female contact - increases conductivity
Female contact with “solder stop” for ease soldering
Male connector without locking “window” - more robust
housing, increases durability
Improved chuck type strain relief - increases retention force
and makes assembly easier and faster
New ground contact - excellent contact integrity between
chassis and cable connector
Customized branding using translucent ring
Sleek and ergonomic design - valuable and handy
Unique hologram – guarantees genuineness and protects
against counterfeits
Internal thread on shell is well protected against any
damage
3-pole male / female XLR cable connector with integrated
capacitive shield to shell connection to avoid RF-interference
and LF-noise
360° shield contact on female connector ensures best
possible shielding and chassis contact
Patent
Ergonomic latch
design
Design guarantees a continuous RF-shield connection but avoids ground
loops (no LF-shield connection)
Circular capacitor enables low-inductive shield connection to connector
housing
Cable shield - PIN 1 connection includes EMI suppression bead (blocks
high frequencies)
XX Series
EMC-XLR Series
*: 3 - 7 contacts
Contact #1
Connector shell
Cable shield
Inductance
Annular capacitor
2
3
Inside view
Circumferential ground shield
contact
Neutrik hologram
1
2
3
1


Similar Part No. - NC3FBV1-D

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NC3FBV1-DA NEUTRIK-NC3FBV1-DA Datasheet
66Kb / 1P
   3 pole female XLR receptacle, grounding
More results

Similar Description - NC3FBV1-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE8FBH ETC2-NE8FBH Datasheet
6Mb / 29P
   The next generation of the worldwide accepted standard
logo
Hirose Electric
IX HIROSE-IX_18 Datasheet
296Kb / 6P
   Conforming to IEC Standard The Next-Generation Ethernet Connector for Industrial Equipment
logo
Omron Electronics LLC
E3XDA51S2M OMRON-E3XDA51S2M Datasheet
5Mb / 35P
   Evolution and Perfection The next-generation platform for a wide range of sensing
logo
Infineon Technologies A...
ICE5AR4770AG INFINEON-ICE5AR4770AG Datasheet
2Mb / 42P
   The ICE5xRxxxxAG is the 5th generation of fixed
V 2.2 2018-03-02
ICE5AR4770BZS INFINEON-ICE5AR4770BZS Datasheet
1Mb / 36P
   The ICE5ARxxxxBZS is the 5th generation of fixed
V 2.1 2018-02-27
logo
Integrated Device Techn...
ICS97U2A845A IDT-ICS97U2A845A Datasheet
220Kb / 13P
   Double the drive of the standard 97U877 device
logo
PHOENIX CONTACT
2701625 PHOENIX-2701625 Datasheet
64Kb / 5P
   Generation and monitoring of the SafetyBridge protocol
logo
Sanyo Semicon Device
10TPB68MC SANYO-10TPB68MC Datasheet
103Kb / 2P
   standard products corresponding to the diversification of the needs
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
   Crimping Next Generation
logo
Allegro MicroSystems
A8600 ALLEGRO-A8600 Datasheet
2Mb / 52P
   Designed to provide the power supply requirements of next generation car audio and infotainment systems, the A8600 provides all the control and protection circuitry to produce...
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com