Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SS496B-T2 Datasheet(PDF) 1 Page - Honeywell Accelerometers

Part No. SS496B-T2
Description  Global Sales & Service
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HONEYWELL-ACC [Honeywell Accelerometers]
Homepage  http://www.inertialsensor.com
Logo 

SS496B-T2 Datasheet(HTML) 1 Page - Honeywell Accelerometers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Order Product and
Get Support
U.S. Authorized
Distributors
Global Sales & Service
N. American Sales Reps
Distributor Inventory
Technical Assistance
White Papers
Literature Request
RoHS Product List
Customer Feedback
Home> Products > PCB level Position Sensors (Miniature Plastic package) > SS490
> Product Page
SS496B-T2
SS490 Series Cost-Reduced Miniature
Ratiometric Linear Hall-Effect Sensor;
radial lead IC package; tape-and-box
(ammopack) version w ith formed
leads
Actual product appearance may vary.
Features
l
Small size
l
Low pow er consumption
l
Single current sinking or current
sourcing output
l
Linear output for circuit design flexibility
l
Built-in thin-film resistors - laser trimmed
for precise sensitivity and temperature
compensation
l
Rail-to-rail operation provides more
useable signal for higher accuracy
l
Responds to either positive or negative
gauss
l
Quad Hall sensing element for stable
output
Potential Applications
l
Current sensing
l
Motor control
l
Position sensing
l
Magnetic code reading
l
Rotary encoder
l
Ferrous metal detector
l
Vibration sensing
l
Liquid level sensing
l
Weight sensing
Description
The SS490 Series MRL (Miniature Ratiometric Linear) sensors are versatile linear
Hall effect devices operated by the magnetic field from a permanent magnet or an
electromagnet. The ratiometric output voltage is set by the supply voltage. It varies
in proportion to the strength of the magnetic field.
The integrated circuitry provides increased temperature stability and sensitivity.
Laser trimmed thin film resistors on the chip provide high accuracy (null to
3%,
sensitivity up to 3%) and temperature compensation. The positive temperature
coefficient of the sensitivity (+0.02 %/ C typical) compensates for the negative
temperature coefficients of low cost magnets.
The SS490B Series sensors offer cost-effective MRL sensing w ith slightly w ider
specifications than the SS490 products. The SS490B has a typical sinking or
sourcing output of 1.5 mA continuous, uses seven mA of supply current at 5.0
volts at 25 C, for predictable performance over the full temperature range. SS490B
Series sensors have w ider null and sensitivity tolerances and a w ider drift over
temperature.
NOTE: Products ordered in bulk packaging (plastic bags) may not have perfectly
straight leads as a result of normal handling and shipping operations. Please order
tape packaging option for applications w ith critical lead straightness requirements.
Supporting Documentation
Dimensions
Circuit Block
Diagram
Required
Accessories—
Magnets
Engineering
Drawing
Product Specifications
Product Type
Miniature Hall-Effect Linear
Position Sensor IC
Package Quantity/Type
Available in 5,000/Tape and Box
(am m opack)
Package Style
Am m opack style T2
Supply Voltage
4.5 Vdc to 10.5 Vdc
Output Type
Sink/Source
Term ination Type
PC Board
Magnetic Actuation Type
Ratiom etric
Operating Tem perature Range
-40 °C to 150 °C [-40 °F to 302 °
F]
Storage Tem perature
-55 °C to 165 °C [-67 °F to 329 °
F]
Output Voltage
0.2 Vdc to (Vs - 0.2 Vdc) typ.,
0.4 Vdc to (Vs - 0.4 Vdc) min.
Linearity (% of Span)
-1.0 % typ.
Output Voltage Span (m in.)
0.4 Vdc to (Vs - 0.4 Vdc)
Availability
Global
Supply Current (m ax. @ 25 °C)
8.7 m A @ 5 Vdc
Sensitivity @ 25 °C
2.500 m V ± 0.200 m V/G
Output Voltage Swing (Negative G)
0.4 Vdc
Output Voltage Swing (Positive G)
Vs - 0.4 Vdc
Tem perature_Error_25_Null_Shift_2
± 0.064
Tem perature_Error_25 Sensitivity_1
-0.02 m in., 0.08 m ax.
Output_Current_Typical_Source_45
1.5 m A
Output_Current_Minim um _Source_45 1 m A
Output_Current_Minim um _Sink_45
0.6 m A
Output_Current_Minim um _Sink_5
1 m A
Magnetic Range (typ.)
-84 m T to 84 m T [-840 G to 840
G]
Magnetic Range (m in.)
-75 m T to 75 m T [-750 G to 750
G]
Output Voltage Span (typ.)
0.2 Vdc to (Vs - 0.2 Vdc)
Null (Output @ 0 G)
2.50 Vdc ± 0.150 Vdc
Response Tim e (µs)
3 µs
Series Nam e
SS490
Keyw ord Search
Search for product and
support information.
All Sensing and Control
Product Search
Part number search:
Use (*) to expand search
Specification Search
Terms & Conditions |
Privacy Statement |
Site Map


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn