Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAC12-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SAC12-E3
Description  Low Capacitance TRANSZORB Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SAC12-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SAC12-E3 Datasheet HTML 1Page - Vishay Siliconix SAC12-E3 Datasheet HTML 2Page - Vishay Siliconix SAC12-E3 Datasheet HTML 3Page - Vishay Siliconix SAC12-E3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SAC5.0 thru SAC50
www.vishay.com
Vishay General Semiconductor
Revision: 18-Nov-13
2
Document Number: 88379
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1)
Non-repetitive current pulse, per fig. 3 and derated above TA = 25 °C per fig. 2
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Peak Pulse Power Rating Curve
Fig. 2 - Power Derating Curve
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PART
NUMBER
BREAKDOWN
VOLTAGE
AT
IT = 1.0 mA
VBR (V)
STAND-OFF
VOLTAGE (1)
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT
VWM
ID
(μA)
MAXIMUM
CLAMPING
VOLTAGE
AT
IPP = 5.0 A
VC (V)
MAXIMUM
PEAK
PULSE
CURRENT
PER FIG. 3
IPP (A)
MAXIMUM
JUNCTION
CAPACITANCE
AT 0 V
(pF)
WORKING
INVERSE
BLOCKING
VOLTAGE
VWIB (V)
INVERSE
BLOCKING
LEAKAGE
CURRENT
VWIB IIB (mA)
PEAK
INVERSE
BLOCKING
VOLTAGE
VPIB (V)
MIN.
SAC5.0
7.60
5
300
10.0
44
50
75
1.0
100
SAC6.0
7.90
6
300
11.2
41
50
75
1.0
100
SAC7.0
8.33
7
300
12.6
38
50
75
1.0
100
SAC8.0
8.89
8
100
13.4
36
50
75
1.0
100
SAC8.5
9.44
8.5
50
14.0
34
50
75
1.0
100
SAC10
11.10
10
5.0
16.3
29
50
75
1.0
100
SAC12
13.30
12
5.0
19.0
25
50
75
1.0
100
SAC15
16.70
15
5.0
23.6
20
50
75
1.0
100
SAC18
20.00
18
5.0
28.8
15
50
75
1.0
100
SAC22
24.40
22
5.0
35.4
14
50
75
1.0
100
SAC26
28.90
26
5.0
42.3
11.1
50
75
1.0
100
SAC30
33.30
30
5.0
48.6
10.0
50
75
1.0
100
SAC36
40.00
36
5.0
60.0
8.6
50
75
1.0
100
SAC45
50.00
45
5.0
77.0
6.8
50
150
1.0
200
SAC50
55.50
50
5.0
88.0
5.8
50
150
1.0
200
ORDERING INFORMATION (Example)
PREFERRED PIN
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SAC5.0A-E3/54
0.432
54
4000
13" diameter paper tape and reel
td - Pulse Width
100
10
1
0.1
0.1 µs
1.0 µs
10 µs
100 µs
1.0 ms
10 ms
Non-Repetitive Pulse
Waveform shown in Fig. 3
T
A = 25 °C
Current Waveforms
t
d
P
PK
“0.5”
Impulse
Exponential
Decay
P
PK
t
d = 7 tp
t
d
Half Sine
P
PK
Square
t
d
L = 0.375" (9.5 mm)
Lead Lengths
TL - Lead Temperature (°C)
100
75
25
0
0
50
100
150
175
Peak Power (Single Pulse)
T
J = Initial Temperature
Power Dissipation
50
25
75
125


Similar Part No. - SAC12-E3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SAC12-B LITTELFUSE-SAC12-B Datasheet
136Kb / 4P
   Transient Voltage Suppression Diodes
More results

Similar Description - SAC12-E3

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SAC5.0 RECTRON-SAC5.0 Datasheet
298Kb / 3P
   Low Capacitance TRANSZORB Transient Voltage Suppressors
BSAC5.0 RECTRON-BSAC5.0 Datasheet
414Kb / 5P
   LOW CAPACITANCE TRANSZORB Transient Voltage Suppressors
logo
Vishay Siliconix
LCE28A VISHAY-LCE28A Datasheet
93Kb / 5P
   Low Capacitance TRANSZORB® Transient Voltage Suppressors
Revision: 20-Oct-08
SAC50 VISHAY-SAC50 Datasheet
97Kb / 4P
   Low Capacitance TRANSZORB® Transient Voltage Suppressors
Revision: 20-Oct-08
LCE28A VISHAY-LCE28A_12 Datasheet
80Kb / 4P
   Low Capacitance TRANSZORB® Transient Voltage Suppressors
Revision: 22-Nov-11
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com