Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLQ2012-F24N Datasheet(PDF) 2 Page - TOKO, Inc

Part # LLQ2012-F24N
Description  Wire Wound Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LLQ2012-F24N Datasheet(HTML) 2 Page - TOKO, Inc

  LLQ2012-F24N Datasheet HTML 1Page - TOKO, Inc LLQ2012-F24N Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
continued from previous page
接上页
TOKO STANDARD PART NUMBERS
东光标准零件号码
TYPE LLQ2012 Series (Quantity/reel; 3,000 PCS)
东光零件号码
电感值(1)
公差
电感值测试频率
最小Q
(1)
Q测试频率
最小自谐振频率(2)
最大直流
电阻(3)
最大额定
直流电流(4)
TOKO
part number
Inductance
(1)
Lo (nH)
Tolerance
Inductance
Test Frequency
(MHz)
Q
(1)
Min.
Q
Test Frequency
(MHz)
S.R.F.
(2)
(MHz)
Min.
RDC
(3)
(
)
Max.
Rated DC
Current
(4)
(mA) Max.
LLQ2012-F3N0□
3.0
J,K
250
65
1500
7900
0.06
800
LLQ2012-F5N6□
5.6
J,K
250
65
1000
5500
0.08
600
LLQ2012-F6N8□
6.8
J,K
250
50
1000
5500
0.11
600
LLQ2012-F7N5□
7.5
J,K
250
50
1000
4500
0.14
600
LLQ2012-F8N2□
8.2
G,J,K
250
50
1000
4700
0.12
600
LLQ2012-F10N□
10
G,J,K
250
60
500
4200
0.10
600
LLQ2012-F12N□
12
G,J,K
250
50
500
4000
0.15
600
LLQ2012-F15N□
15
G,J,K
250
50
500
3400
0.17
600
LLQ2012-F18N□
18
G,J,K
250
50
500
3300
0.20
600
LLQ2012-F22N□
22
G,J,K
250
55
500
2600
0.22
500
LLQ2012-F24N□
24
G,J,K
250
50
500
2000
0.22
500
LLQ2012-F27N□
27
G,J,K
250
55
500
2500
0.25
500
LLQ2012-F33N□
33
G,J,K
250
60
500
2050
0.27
500
LLQ2012-F36N□
36
G,J,K
250
55
500
2000
0.27
500
LLQ2012-F39N□
39
G,J,K
250
60
500
1700
0.29
500
LLQ2012-F43N□
43
G,J,K
200
60
500
1650
0.34
500
LLQ2012-F47N□
47
G,J,K
200
60
500
1650
0.31
500
LLQ2012-F56N□
56
G,J,K
200
60
500
1550
0.34
500
LLQ2012-F68N□
68
G,J,K
200
60
500
1450
0.38
500
LLQ2012-F82N□
82
G,J,K
150
65
500
1300
0.42
400
LLQ2012-F91N□
91
G,J,K
150
65
500
1200
0.48
400
LLQ2012-FR10□
100
G,J,K
150
65
500
1200
0.46
400
LLQ2012-FR11□
110
G,J,K
150
50
250
1000
0.48
400
LLQ2012-FR12□
120
G,J,K
150
50
250
1100
0.51
400
LLQ2012-FR15□
150
G,J,K
100
50
250
920
0.56
400
LLQ2012-FR18□
180
G,J,K
100
50
250
870
0.64
400
LLQ2012-FR22□
220
G,J,K
100
50
250
850
0.70
400
LLQ2012-FR24□
240
G,J,K
100
44
250
690
1.00
350
LLQ2012-FR27□
270
G,J,K
100
48
250
650
1.00
350
LLQ2012-FR33□
330
G,J,K
100
48
250
600
1.40
310
LLQ2012-FR39□
390
G,J,K
100
48
250
560
1.50
290
LLQ2012-FR47□
470
J,K
50
33
100
375
1.76
250
LLQ2012-FR56□
560
J,K
25
23
50
340
1.90
230
LLQ2012-FR68□
680
J,K
25
23
50
188
2.20
190
LLQ2012-FR82□
820
J,K
25
23
50
215
2.35
180
Add the tolerance of inductance to within the □ of the part Number as follows: G=
2%, J=5%, K=10%
□添加电感值公差至品名如 : G=
2%, J=5%, K=10%
(1) Inductance and Q is measured with a RF LCR meter 4287A
(Agilent Technologies) or equivalent.
(2) Self resonant frequency is measured with a network analyzer
8720ES (Agilent Technologies) or equivalent.
(3) DC resistance is measured with a micro ohm meter 34420A
(Agilent Technologies) or equivalent.
(4) Rated DC current is coil temperature to rise by 20°C. ( Reference
ambient temperature 20°C)
(1) 使用LCR仪表4287A(Agilent 技术)或者功能相同的仪器测量电
感值和Q值。
(2使用网络分析器8720ES(Agilent 技术) 或者功能相同的工具测量自
谐振频率。
(3) 使用微欧姆表34420A(Agilent 技术)或者功能相同的工具测量直流
电阻。
(4) 额定直流电流是线圈温度上升20°C。(参考周围环境温度20°C)
Wire Wound Chip Inductors
贴片绕线型电感器


Similar Part No. - LLQ2012-F24N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ2012 TOKO-LLQ2012 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
More results

Similar Description - LLQ2012-F24N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
   Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
   Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
   Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2518T331M TAIYO-YUDEN-LB2518T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
logo
Central Technologies
CT0603HCF CT-CT0603HCF Datasheet
377Kb / 1P
   Wire-wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2016T100M TAIYO-YUDEN-LB2016T100M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2016T150K TAIYO-YUDEN-LB2016T150K Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2016T330K TAIYO-YUDEN-LB2016T330K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com