Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7495TR Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7495TR
Description  High frequency DC-DC converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7495TR Datasheet(HTML) 2 Page - International Rectifier

  IRF7495TR Datasheet HTML 1Page - International Rectifier IRF7495TR Datasheet HTML 2Page - International Rectifier IRF7495TR Datasheet HTML 3Page - International Rectifier IRF7495TR Datasheet HTML 4Page - International Rectifier IRF7495TR Datasheet HTML 5Page - International Rectifier IRF7495TR Datasheet HTML 6Page - International Rectifier IRF7495TR Datasheet HTML 7Page - International Rectifier IRF7495TR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7495
2
www.irf.com
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.10
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
18
22
m
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Dynamic @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
11
–––
–––
S
Qg
Total Gate Charge
–––
34
51
Qgs
Gate-to-Source Charge
–––
6.3
–––
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
11.7
–––
td(on)
Turn-On Delay Time
–––
8.7
–––
tr
Rise Time
–––
13
–––
td(off)
Turn-Off Delay Time
–––
10
–––
ns
tf
Fall Time
–––
36
–––
Ciss
Input Capacitance
–––
1530
–––
Coss
Output Capacitance
–––
250
–––
Crss
Reverse Transfer Capacitance
–––
110
–––
pF
Coss
Output Capacitance
–––
980
–––
Coss
Output Capacitance
–––
160
–––
Coss eff.
Effective Output Capacitance
–––
240
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
2.3
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
58
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
42
–––
ns
Qrr
Reverse Recovery Charge
–––
73
–––
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Typ.
–––
–––
Conditions
VDS = 25V, ID = 4.4A
ID = 4.4A
VDS = 50V
Conditions
VGS = 10V
f
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
180
4.4
MOSFET symbol
showing the
integral reverse
p-n junction diode.
TJ = 25°C, IS = 4.4A, VGS = 0V f
TJ = 25°C, IF = 4.4A, VDD = 25V
di/dt = 100A/µs
f
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 4.4A
f
VDS = VGS, ID = 250µA
VDS = 100V, VGS = 0V
VDS = 80V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
Max.
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = 80V, ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 80V
g
VGS = 10V
f
VDD = 50V
ID = 4.4A
RG = 6.2Ω


Similar Part No. - IRF7495TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7495TRPBF IRF-IRF7495TRPBF Datasheet
228Kb / 8P
   Low Gate to Drain Charge to Reduce Switching Losses
More results

Similar Description - IRF7495TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
logo
Kersemi Electronic Co.,...
IRFR3518 KERSEMI-IRFR3518 Datasheet
4Mb / 10P
   High frequency DC-DC converters
logo
International Rectifier
IRFS33N15DTRLP IRF-IRFS33N15DTRLP Datasheet
150Kb / 12P
   High frequency DC-DC converters
IRFR13N20DPBF IRF-IRFR13N20DPBF_15 Datasheet
689Kb / 11P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7452PBF IRF-IRF7452PBF_15 Datasheet
284Kb / 8P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7490PBF IRF-IRF7490PBF_15 Datasheet
155Kb / 9P
   High frequency DC-DC converters
IRF8010SPBF IRF-IRF8010SPBF_15 Datasheet
229Kb / 11P
   High frequency DC-DC converters
IRFP4710PBF IRF-IRFP4710PBF_15 Datasheet
183Kb / 9P
   High frequency DC-DC converters
IRFR15N20DPBF IRF-IRFR15N20DPBF_15 Datasheet
231Kb / 11P
   High frequency DC-DC converters
IRFR24N15DPBF IRF-IRFR24N15DPBF_15 Datasheet
282Kb / 10P
   High frequency DC-DC converters
IRFR3410PBF IRF-IRFR3410PBF_15 Datasheet
237Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com