Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7478QTRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7478QTRPBF
Description  Advanced Process Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7478QTRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7478QTRPBF Datasheet HTML 1Page - International Rectifier IRF7478QTRPBF Datasheet HTML 2Page - International Rectifier IRF7478QTRPBF Datasheet HTML 3Page - International Rectifier IRF7478QTRPBF Datasheet HTML 4Page - International Rectifier IRF7478QTRPBF Datasheet HTML 5Page - International Rectifier IRF7478QTRPBF Datasheet HTML 6Page - International Rectifier IRF7478QTRPBF Datasheet HTML 7Page - International Rectifier IRF7478QTRPBF Datasheet HTML 8Page - International Rectifier IRF7478QTRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
06/27/14
IRF7478QPbF
HEXFET® Power MOSFET
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
7.0
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
5.6
A
IDM
Pulsed Drain Current

56
PD @TA = 25°C
Power Dissipation
„
2.5
W
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt
†
3.7
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Notes
 through † are on page 8
SO-8
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
VDSS
RDS(on) max (mW)
ID
60V
26@VGS = 10V
4.2A
30@VGS = 4.5V
3.5A
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
„
–––
50
°C/W
Thermal Resistance
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
N Channel MOSFET
l
Surface Mount
l
Available in Tape & Reel
l
150°C Operating Temperature
l
Lead-Free
Description
These HEXFET Power MOSFET's are a 150°C
junction operating temperature, fast switching
speed and improved repetitive avalanche rating.
These benefits combine to make this design an
extremely efficient and reliable device for use in a
wide variety of applications.
The efficient SO-8 package provides enhanced
thermal characteristics making it ideal in a variety
of power applications. This surface mount SO-8
can dramatically reduce board space and is also
available in Tape & Reel.
END OF LIFE
Form
Quantity
IRF7478QTRPbF
SO-8
Tape and Reel
4000
EOL 529
IRF7478QPbF
SO-8
Tube
95
EOL 529
IRF7478QPbF
Please search the EOL part number on IR’s website for
guidance
Base part number
Package
Type
Standard Pack
EOL
Notice
Orderable part number
Replacement Part Number
PD- 96128B


Similar Part No. - IRF7478QTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7478QPBF IRF-IRF7478QPBF Datasheet
214Kb / 8P
   SMPS MOSFET
More results

Similar Description - IRF7478QTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com