Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAMS12UP60A Datasheet(PDF) 11 Page - International Rectifier

Part # IRAMS12UP60A
Description  Integrated Power Hybrid IC for Appliance Motor Drive Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAMS12UP60A Datasheet(HTML) 11 Page - International Rectifier

Back Button IRAMS12UP60A Datasheet HTML 7Page - International Rectifier IRAMS12UP60A Datasheet HTML 8Page - International Rectifier IRAMS12UP60A Datasheet HTML 9Page - International Rectifier IRAMS12UP60A Datasheet HTML 10Page - International Rectifier IRAMS12UP60A Datasheet HTML 11Page - International Rectifier IRAMS12UP60A Datasheet HTML 12Page - International Rectifier IRAMS12UP60A Datasheet HTML 13Page - International Rectifier IRAMS12UP60A Datasheet HTML 14Page - International Rectifier IRAMS12UP60A Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
IRAMS12UP60A
0
20
40
60
80
0
2
4
6
8
10
1214
1618
2
PWM Sw itching Frequency - kHz
0
I
OUT = 7A
I
OUT = 6A
I
OUT = 5A
Figure 5. Total Power Losses vs. PWM Switching Frequency
Sinusoidal Modulation, V
+=400V, T
J=150°C, MI=0.8, PF=0.6, fmod=50Hz
0
20
40
60
80
100
120
01
2
345
67
8
9
1
Output Phase Current - A
RM
0
S
F
PWM = 20kHz
F
PWM = 16kHz
F
PWM = 12kHz
Figure 6. Total Power Losses vs. Output Phase Current
Sinusoidal Modulation, V
+=400V, T
J=150°C, MI=0.8, PF=0.6, fmod=50Hz
www.irf.com
11


Similar Part No. - IRAMS12UP60A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMS12UP60A IRF-IRAMS12UP60A Datasheet
301Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
More results

Similar Description - IRAMS12UP60A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMX16UP60A IRF-IRAMX16UP60A_08 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60B IRF-IRAMX16UP60B_15 Datasheet
458Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-1060B IRF-IRAM136-1060B Datasheet
301Kb / 18P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMS12UP60A IRF-IRAMS12UP60A Datasheet
301Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM109-015SD IRF-IRAM109-015SD Datasheet
316Kb / 15P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-0760A IRF-IRAM136-0760A Datasheet
258Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60A-2 IRF-IRAMX16UP60A-2 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
IRAMS10UP60B IRF-IRAMS10UP60B_05 Datasheet
485Kb / 17P
   INTEGRATED POWER HYBRID IC FOR APPLIANCE MOTOR DRIVE APPLICATIONS
IRAM136-1061A IRF-IRAM136-1061A Datasheet
562Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60B-2 IRF-IRAMX16UP60B-2 Datasheet
458Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com