Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLI352P120K-F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NLI352P120K-F
Description  NLI Radial Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI352P120K-F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NLI352P120K-F Datasheet HTML 1Page - NIC-Components Corp. NLI352P120K-F Datasheet HTML 2Page - NIC-Components Corp. NLI352P120K-F Datasheet HTML 3Page - NIC-Components Corp. NLI352P120K-F Datasheet HTML 4Page - NIC-Components Corp. NLI352P120K-F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NLI142P STANDARD VALUES (H = 21.5mm x D = 16.5mm)
Part Number
Inductance
(
μH)
Inductance
Tolerance*
DCR
(
Ω) max.
I sat
(A)
Suggested Rated AC
Current
(A)
NLI142P1R0M _ F
1
±20%
0.003
28
9.0
NLI142P1R2M _ F
1.2
±20%
0.003
26
9.0
NLI142P1R5M _ F
1.5
±20%
0.004
23
9.0
NLI142P1R8M _ F
1.8
±20%
0.004
21
9.0
NLI142P2R2M _ F
2.2
±20%
0.005
19
9.0
NLI142P2R7M _ F
2.7
±20%
0.005
17
9.0
NLI142P3R3M _ F
3.3
±20%
0.005
15
9.0
NLI142P3R9M _ F
3.9
±20%
0.006
14
9.0
NLI142P4R7M _ F
4.7
±20%
0.007
13
9.0
NLI142P5R6M _ F
5.6
±20%
0.007
12
9.0
NLI142P6R8M _ F
6.8
±20%
0.008
11
9.0
NLI142P8R2M _ F
8.2
±20%
0.009
10
9.0
NLI142P100K _ F
10
±10%
0.01
9.0
9.0
NLI142P120K _ F
12
±10%
0.011
8.5
8.5
NLI142P150K _ F
15
±10%
0.015
7.5
7.2
NLI142P180K _ F
18
±10%
0.016
6.8
6.8
NLI142P220K _ F
22
±10%
0.025
6.0
5.5
NLI142P270K _ F
27
±10%
0.03
5.5
4.5
NLI142P330K _ F
33
±10%
0.04
5.0
4.0
NLI142P390K _ F
39
±10%
0.046
4.5
4.0
NLI142P470K _ F
47
±10%
0.062
4.0
2.8
NLI142P560K _ F
56
±10%
0.069
3.7
2.8
NLI142P680K _ F
68
±10%
0.077
3.4
2.8
NLI142P820K _ F
82
±10%
0.083
3.1
2.8
NLI142P101K _ F
100
±10%
0.095
2.8
2.8
NLI142P121K _ F
120
±10%
0.127
2.5
2.0
NLI142P151K _ F
150
±10%
0.181
2.3
1.6
NLI142P181K _ F
180
±10%
0.217
2.1
1.6
NLI142P221K _ F
220
±10%
0.24
1.9
1.6
NLI142P271K _ F
270
±10%
0.3
1.7
1.6
NLI142P331K _ F
330
±10%
0.336
1.5
1.3
NLI142P391K _ F
390
±10%
0.46
1.4
1.0
NLI142P471K _ F
470
±10%
0.636
1.3
0.8
NLI142P561K _ F
560
±10%
0.696
1.2
0.8
NLI__P Series
NLI Radial Power Inductors
Isat
ΔL -10% max., ΔT +25°C max.
* Contact NIC for other tolerance options.
_ Insert letter "U" if sleeving is required


Similar Part No. - NLI352P120K-F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI-C NIC-NLI-C Datasheet
125Kb / 10P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI100C NIC-NLI100C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI100C100M___F NIC-NLI100C100M___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
More results

Similar Description - NLI352P120K-F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI_P NIC-NLI_P Datasheet
95Kb / 5P
   NLI Radial Power Inductors
NLI_C NIC-NLI_C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI_D NIC-NLI_D Datasheet
146Kb / 14P
   NLI Radial Power Inductors
NLI-C NIC-NLI-C Datasheet
125Kb / 10P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI_H NIC-NLI_H Datasheet
101Kb / 3P
   NLI Radial Power Inductors
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com