Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFCC08132ABTPF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NFCC08132ABTPF
Description  Surface Mount Fuse
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFCC08132ABTPF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NFCC08132ABTPF Datasheet HTML 1Page - NIC-Components Corp. NFCC08132ABTPF Datasheet HTML 2Page - NIC-Components Corp. NFCC08132ABTPF Datasheet HTML 3Page - NIC-Components Corp. NFCC08132ABTPF Datasheet HTML 4Page - NIC-Components Corp. NFCC08132ABTPF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Case Size Current Rating
@ +70°C
Marking
Symbol
Internal (Cold)
Resistance
(m
Ω) max.
Melting I2T
(t=1ms)
(A2×s) typical
Voltage Drop
(R/C x 100)
mV typical
Rated
Voltage
(DC)
Breaking
Capacity
(Amps)
Time/Current
Characteristics
Curent Pre-arc
time
NFCC04 251ABPAF
0402
0.25
C
1000
0.0005929
265
24
35
200%
5 sec.
max.
NFCC04 321ABPAF
0.315
D
750
0.00081
229
NFCC04 401ABPAF
0.4
E
620
0.0016384
210
NFCC04 501ABPAF
0.5
F
340
0.00225
188
NFCC04 631ABPAF
0.63
I
290
0.00441
170
NFCC04 751ABPAF
0.75
A
220
0.0055225
179
NFCC04 801ABPAF
0.8
K
210
0.00625
168
NFCC04 102ABPAF
1.0
L
150
0.0126025
164
NFCC04 132ABPAF
1.25
M
120
0.0207025
156
NFCC04 152ABPAF
1.5
H
100
0.02809
166
NFCC04 162ABPAF
1.6
N
90
0.036
156
NFHC04 202ABPAF
2.0
S
55
0.04624
121
NFHC04 252ABPAF
2.5
T
40
0.07744
119
NFCC06 251ABTPF
0603
0.25
CB
1800
0.0006084
474
32
35
200%
5 sec.
max.
NFCC06 321ABTPF
0.315
DB
1000
0.0010404
281
NFCC06 401ABTPF
0.4
EB
750
0.0017424
289
NFCC06 501ABTPF
0.5
FB
330
0.0024964
167
NFCC06 631ABTPF
0.63
IB
280
0.0036864
166
NFCC06 751ABTPF
0.75
AB
210
0.0054289
165
NFCC06 801ABTPF
0.8
KB
200
0.00625
175
NFCC06 102ABTPF
1.0
LB
130
0.0099225
133
NFCC06 132ABTPF
1.25
MB
110
0.0164025
144
NFCC06 152ABTPF
1.5
HB
95
0.02704
135
NFCC06 162ABTPF
1.6
NB
85
0.0330625
136
NFCC06 202ABTPF
2.0
SB
70
0.05929
146
NFCH06 252ABTPF
2.5
TB
40
0.14884
115
NFCC08 501ABTPF
0805
0.5
FB
330
0.0024025
162
50
50
200%
5 sec.
max.
NFCC08 631ABTPF
0.63
IB
270
0.0033124
164
NFCC08 801ABTPF
0.8
KB
190
0.0047089
160
NFCC08 102ABTPF
1.0
LB
130
0.0081225
129
NFCC08 132ABTPF
1.25
MB
100
0.0133225
138
NFCC08 162ABTPF
1.6
NB
80
0.02704
139
NFCC08 202ABTPF
2.0
SB
65
0.05041
139
NFHC08 252ABTPF
2.5
TB
40
0.11664
118
32
50
200%
5 sec.
max.
Surface Mount Fuse
NFCC & NFHC Series
AVAILABLE VALUES AND RATINGS
Nominal Derating
Option Code AD: < 80& of Rated Current
Option Code AB: < 70% of Rated Current
Ambient Temperature
-55°C
70°C 90°C
125°C
0
80%
100%
Current vs. Temperature Derating Guide
Example: P/N NFCC0603102AB
Rated Current: 1.0A @ 70°C
Derating at 90°C:
Current Rating x Normal Derating x Temperature Derating at +90°C
1.0A (Rated Current) x 0.70 (Type AB) x 0.80 (Temperature Derating) = 0.56A
1.0A (Rated Current) x 0.80 (Type AD) x 0.80 (Temperature Derating) = 0.64A


Similar Part No. - NFCC08132ABTPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NFCC08132ABTPF NIC-NFCC08132ABTPF Datasheet
96Kb / 5P
   Surface Mount Fuse
More results

Similar Description - NFCC08132ABTPF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT06V5TR20 ETC-CT06V5TR20 Datasheet
356Kb / 6P
   Surface Mount Fuse
logo
NIC-Components Corp.
NFVC-H NIC-NFVC-H Datasheet
102Kb / 4P
   Surface Mount Fuse
NFCC_NFHC NIC-NFCC_NFHC Datasheet
96Kb / 5P
   Surface Mount Fuse
NFSC NIC-NFSC Datasheet
95Kb / 3P
   Surface Mount Fuse
NFVC NIC-NFVC Datasheet
102Kb / 4P
   Surface Mount Fuse
NFVC-S NIC-NFVC-S Datasheet
225Kb / 4P
   Surface Mount Fuse
logo
Schurter Inc.
0001.2706.11 SCHURTER-0001.2706.11 Datasheet
457Kb / 3P
   Surface Mount Fuse
0001.2704.11 SCHURTER-0001.2704.11 Datasheet
458Kb / 3P
   Surface Mount Fuse
logo
Littelfuse
0242.050HAT1 LITTELFUSE-0242.050HAT1 Datasheet
488Kb / 1P
   BARRIER FUSE SURFACE MOUNT
logo
Schurter Inc.
FUSEKITUMT-H SCHURTER-FUSEKITUMT-H Datasheet
165Kb / 2P
   Fuse Kit Surface Mount Fuse UMT-H
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com