Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK2248-01L Datasheet(PDF) 2 Page - Fuji Electric

Part No. 2SK2248-01L
Description  N-channel MOS-FET
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJI [Fuji Electric]
Homepage  http://www.fujielectric.co.jp/eng/fdt/scd
Logo 

2SK2248-01L Datasheet(HTML) 2 Page - Fuji Electric

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
N-channel MOS-FET
2SK2248-01L,S
30V
0,06Ω 10A
20W
F-III Series
> Characteristics
Typical Output Characteristics
Drain-Source-On-State Resistance vs. Tch
Typical Transfer Characteristics
1
2
3
VDS [V]
Tch [°C]
VGS [V]
Typical Drain-Source-On-State-Resistance vs. ID
Typical Forward Transconductance vs. ID
Gate Threshold Voltage vs. Tch
4 4
5
6
ID [A]
ID [A]
Tch [°C]
Typical Capacitance vs. VDS
Typical Input Charge
Forward Characteristics of Reverse Diode
7
8
9
VDS [V]
Qg [nC]
VSD [V]
Allowable Power Dissipation vs. TC
Safe operation area
Transient Thermal impedance
10
12
Tc [°C]
VDS [V]
t [s]
This specification is subject to change without notice!


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK1082-01N-Channel Silicon Power MOS-FET 1 2 3 Fuji Electric
2SK1821-01MRN-channel MOS-FET 1 2 Fuji Electric
2SK1986-01N-channel MOS-FET 1 2 Fuji Electric
2SK2071-01LN-channel MOS-FET 1 2 Fuji Electric
2SK2249-01LN-channel MOS-FET 1 2 Fuji Electric
2SK2470-01MRN-channel MOS-FET 1 2 Fuji Electric
2SK2639-01N-channel MOS-FET 1 2 Fuji Electric
2SK2689-01MRN-channel MOS-FET 1 2 3 Fuji Electric
2SK2766-01RN-channel MOS-FET 1 2 Fuji Electric
2SK2877-01N-channel MOS-FET 1 2 3 Fuji Electric

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn