Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4131 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4131
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4131 Datasheet(HTML) 1 Page - Texas Instruments

  THS4131 Datasheet HTML 1Page - Texas Instruments THS4131 Datasheet HTML 2Page - Texas Instruments THS4131 Datasheet HTML 3Page - Texas Instruments THS4131 Datasheet HTML 4Page - Texas Instruments THS4131 Datasheet HTML 5Page - Texas Instruments THS4131 Datasheet HTML 6Page - Texas Instruments THS4131 Datasheet HTML 7Page - Texas Instruments THS4131 Datasheet HTML 8Page - Texas Instruments THS4131 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
5k
10k
15k
20k
24k
Frequency (Hz)
VS = 5 V
G = 1 V/V
VOUT = 1 VRMS
RF = 2 kΩ
RL = 600 Ω
G071
THS4531
www.ti.com
SLOS358B – SEPTEMBER 2011 – REVISED MARCH 2012
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
Check for Samples: THS4531
1
FEATURES
DESCRIPTION
The THS4531 is a low-power, fully-differential op amp
Ultra Low Power:
with input common-mode range below the negative
Voltage: 2.5 V to 5.5 V
rail and rail-to-rail output. The device is designed for
Current: 250 µA
low-power data acquisition systems and high density
applications
where
power
consumption
and
Power-Down Mode: 0.5 µA (typ)
dissipation is critical.
Fully-Differential Architecture
The device features accurate output common-mode
Bandwidth: 36 MHz
control that allows for dc coupling when driving
Slew Rate: 200 V/µs
analog-to-digital converters (ADCs). This control,
THD: –120 dBc at 1 kHz (1 VRMS, RL= 2 kΩ)
coupled with the input common-mode range below
the negative rail and rail-to-rail output, allows for easy
Input Voltage Noise: 10 nV/
√Hz (f = 1 kHz)
interface from single-ended ground-referenced signal
High DC Accuracy:
sources
to
successive-approximation
registers
VOS Drift: ±4 µV/˚C (–40°C to +125°C)
(SARs), and delta-sigma (
ΔΣ) ADCs using only
single-supply 2.5-V to 5-V power. The THS4531 is
AOL: 114 dB
also a valuable tool for general-purpose, low-power
Rail-to-Rail Output (RRO)
differential signal conditioning applications.
Negative Rail Input (NRI)
The THS4531 is characterized for operation over the
Output Common-Mode Control
extended industrial temperature range from –40°C to
+125°C. The following package options are available:
APPLICATIONS
8-pin SOIC (MSOP) and VSSOP (D and DGK)
Low-Power SAR,
ΔΣ ADC Driver
10-pin WQFN (RUN)
Low Power, High Performance:
Differential to Differential Amplifier
Single-Ended to Differential Amplifier
Low-Power, Wide-Bandwidth Differential Driver
Low-Power, Wide-Bandwidth Differential
Signal Conditioning
High Channel Count and Power Dense
Systems
Figure 1. 1-kHz FFT Plot on Audio Analyzer
Table 1. Related Products
THD (dBc) at 100
DEVICE
BW (MHz)
IQ (mA)
VN (nV/√Hz)
RAIL-TO-RAIL
kHz
THS4521
145
1.14
–120
4.6
Out
THS4520
570
15.3
–114
2
Out
THS4121
100
16
–79
5.4
In/Out
THS4131
150
16
–107
1.3
No
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4131

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4131 TI-THS4131 Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4131 TI1-THS4131 Datasheet
1Mb / 54P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4131 TI-THS4131 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131 NSC-THS4131 Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4131CD TI-THS4131CD Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4131

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4532 TI-THS4532 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4531 NSC-THS4531 Datasheet
1Mb / 55P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
Texas Instruments
THS4531A TI-THS4531A Datasheet
1Mb / 50P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 TI1-THS4532_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531 TI1-THS4531 Datasheet
1Mb / 54P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4531A NSC-THS4531A Datasheet
1Mb / 51P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 NSC-THS4532 Datasheet
1Mb / 44P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
Texas Instruments
THS4532 TI1-THS4532 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531A TI1-THS4531A Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531 TI-THS4531_15 Datasheet
1Mb / 55P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com