Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIN-HJR11_TRF Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NIN-HJR11_TRF
Description  Wirewound Chip Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN-HJR11_TRF Datasheet(HTML) 6 Page - NIC-Components Corp.

  NIN-HJR11_TRF Datasheet HTML 1Page - NIC-Components Corp. NIN-HJR11_TRF Datasheet HTML 2Page - NIC-Components Corp. NIN-HJR11_TRF Datasheet HTML 3Page - NIC-Components Corp. NIN-HJR11_TRF Datasheet HTML 4Page - NIC-Components Corp. NIN-HJR11_TRF Datasheet HTML 5Page - NIC-Components Corp. NIN-HJR11_TRF Datasheet HTML 6Page - NIC-Components Corp. NIN-HJR11_TRF Datasheet HTML 7Page - NIC-Components Corp. NIN-HJR11_TRF Datasheet HTML 8Page - NIC-Components Corp. NIN-HJR11_TRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
19
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NIC
P/N
INDUCTANCE
VALUE (nH)
INDUCTANCE
TOLERANCE
FREQUENCY
L/Q(MHz)
Q FACTOR
SRF
(MHz)
Minimum
Rated DC
Resistance
(ohms)
Rated DC
Current (mA)
NIN-HE3N3_TRF
3.3
G, J, K
100/300
20@300MHz
6200
0.07
1000
NIN-HE6N8_TRF
6.8
G, J, K
100/300
30@300MHz
5500
0.07
1000
NIN-HE100_TRF
10
G, J, K
100/300
40@300MHz
4000
0.09
1000
NIN-HE120_TRF
12
G, J, K
100/300
40@300MHz
3200
0.09
1000
NIN-HE150_TRF
15
G, J, K
100/300
40@300MHz
3200
0.12
1000
NIN-HE180_TRF
18
G, J, K
100/300
45@300MHz
2800
0.12
1000
NIN-HE220_TRF
22
G, J, K
100/300
50@300MHz
2200
0.12
1000
NIN-HE270_TRF
27
G, J, K
100/300
50@300MHz
1800
0.12
1000
NIN-HE330_TRF
33
G, J, K
100/300
50@300MHz
1800
0.12
1000
NIN-HE390_TRF
39
G, J, K
100/300
50@300MHz
1800
0.12
1000
NIN-HE470_TRF
47
G, J, K
100/300
50@300MHz
1500
0.13
1000
NIN-HE560_TRF
56
G, J, K
100/300
55@300MHz
1450
0.14
1000
NIN-HE680_TRF
68
G, J, K
100/300
55@300MHz
1200
0.26
900
NIN-HE820_TRF
82
G, J, K
100/300
55@300MHz
1200
0.21
900
NIN-HER10_TRF
100
G, J, K
100/300
55@300MHz
1100
0.3
850
NIN-HER12_TRF
120
G, J, K
100/300
60@300MHz
1100
0.3
800
NIN-HER15_TRF
150
G, J, K
100/300
55@300MHz
950
0.31
750
NIN-HER18_TRF
180
G, J, K
50/300
60@300MHz
900
0.43
700
NIN-HER22_TRF
220
G, J, K
50/300
60@300MHz
760
0.56
670
NIN-HER27_TRF
270
G, J, K
50/300
50@300MHz
730
0.56
630
NIN-HER33_TRF
330
G, J, K
50/150
45@150MHz
650
0.7
590
NIN-HER39_TRF
390
G, J, K
50/150
45@150MHz
600
0.8
530
NIN-HER47_TRF
470
G, J, K
50/150
45@150MHz
550
1.3
490
NIN-HER56_TRF
560
G, J, K
35/150
45@150MHz
470
1.34
460
NIN-HER68_TRF
680
G, J, K
35/150
45@150MHz
450
1.58
430
NIN-HER82_TRF
820
G, J, K
35/150
45@150MHz
420
1.82
400
NIN-HE1R0_TRF
1000
G, J, K
35/150
45@150MHz
400
2.8
320
NIN-HE1R2_TRF
1200
G, J, K
35/150
45@150MHz
380
3.2
300
NIN-HE SERIES
D-SIZE (1206)
STANDARD VALUES
Wirewound Chip Inductors
NIN-H Series
Note: Extended values, tolerances, and enhanced versions are available please contact NIC for more details.


Similar Part No. - NIN-HJR11_TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN-HJR11JTRF NIC-NIN-HJR11JTRF Datasheet
522Kb / 6P
   Wirewound Chip Inductors
NIN-HJR11JTRF NIC-NIN-HJR11JTRF Datasheet
132Kb / 6P
   SIZES K(0402), J (0603), D (0805) AND C (1008)
More results

Similar Description - NIN-HJR11_TRF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com