Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFP1008_3R3TR120F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NFP1008_3R3TR120F
Description  Surface Mount Multilayer Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFP1008_3R3TR120F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NFP1008_3R3TR120F Datasheet HTML 1Page - NIC-Components Corp. NFP1008_3R3TR120F Datasheet HTML 2Page - NIC-Components Corp. NFP1008_3R3TR120F Datasheet HTML 3Page - NIC-Components Corp. NFP1008_3R3TR120F Datasheet HTML 4Page - NIC-Components Corp. NFP1008_3R3TR120F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Surface Mount Multilayer Inductor
NFP Series
Note: Extended values, tolerances, and enhanced versions are available please contact NIC for more details.
DIMENSIONS (mm)
Case Size
L
W
H
P
0603
1.6 ± 0.15
0.8 ± 0.15
0.5 ± 0.1
0.3 ± 0.2
0.8 ± 0.15
0805
2.0 +0.3/-0.1
1.25 ± 0.2
0.5 ± 0.1
0.5 ± 0.3
0.9 ± 0.1
1.25 ± 0.2
0806
2.0 +0.3/-0.1
1.6 ± 0.2
0.9 ± 0.1
0.5 ± 0.3
1.1 ± 0.1
1008
2.5 ± 0.2
2.0 +0.3/-0.1
0.9 ± 0.1
0.5 ± 0.3
1.1 ± 0.1
L
W
H
P
• 0603, 0805, 0806 AND 1008 CASE SIZES
• HIGH DC CURRENT AND LOW DC RESISTANCE
• NEW "S" VERSION FOR INCREASED SATURATION CURRENT
• UPGRADED "H" VERSION FOR HIGHEST CURRENT
• REFLOW SOLDERING APPLICABLE
• PACKAGE FOR AUTOMATIC PICK-PLACE
SPECIFICATIONS
FEATURES
Specifications
Case Size
0603
0805
0806
1008
Inductance Range
0.47mH ~ 2.2mH
0.22mH ~ 10mH
0.47mH ~ 10mH
0.47mH ~ 10mH
Inductance Tolerance
±20% (M), ±30% (N)
Operating Temperature Range
-40°C ~ +85°C
Self Resonant Frequency,
DC Resistance, Rated DC Current
and Inductance Tolerance
See Standard Values and Specifications Table
Inductance Tolerance Code:
M = ±20%, N = ±30%
Packaging: TR = Tape & Reel
PART NUMBER SYSTEM
Rated inductance in μH (R denotes decimal point)
NFPS
Series* (Recommended "S" for Upgraded Saturation Current)
(Optional "H" for Highest Current Option)
RoHS compliant
1R0
M
TR
F
0806
Case Size: 06 = 0603, 10 = 0805
Current rating code (120=1200mA)
160
Current (mA)
Standard NFP
Recommended NFP
S
Optional NFP
H
*NFP vs. NFPS vs. NFPH Performance Comparison
0.47uH 0806


Similar Part No. - NFP1008_3R3TR120F

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NFP1003 MICRONETICS-NFP1003 Datasheet
81Kb / 2P
   HERMETIC MICROWAVE SURFACE MOUNT NOISE SOURCE
NFP1003 MICRONETICS-NFP1003 Datasheet
274Kb / 2P
   Surface Mount Noise Sources 100 MHz to 3 GHz
More results

Similar Description - NFP1008_3R3TR120F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NFH NIC-NFH Datasheet
141Kb / 4P
   Surface Mount Multilayer Inductor
logo
Caliber Electronics Inc...
LSML-201209 CALIBER-LSML-201209 Datasheet
25Kb / 1P
   Surface Mount Multilayer Chip Inductor
LSML-201212 CALIBER-LSML-201212 Datasheet
25Kb / 1P
   Surface Mount Multilayer Chip Inductor
logo
List of Unclassifed Man...
LSML-201212 ETC2-LSML-201212 Datasheet
24Kb / 1P
   Surface Mount Multilayer Chip Inductor
LSML-160808 ETC2-LSML-160808 Datasheet
26Kb / 1P
   Surface Mount Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSML-160808 CALIBER-LSML-160808 Datasheet
27Kb / 1P
   Surface Mount Multilayer Chip Inductor
logo
List of Unclassifed Man...
LSML-322513 ETC2-LSML-322513 Datasheet
22Kb / 1P
   Surface Mount Multilayer Chip Inductor
LSML-321611 ETC2-LSML-321611 Datasheet
26Kb / 1P
   Surface Mount Multilayer Chip Inductor
LSML-201209 ETC2-LSML-201209 Datasheet
24Kb / 1P
   Surface Mount Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSML-321611 CALIBER-LSML-321611 Datasheet
27Kb / 1P
   Surface Mount Multilayer Chip Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com