Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCB1206GU700TR100QYF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NCB1206GU700TR100QYF
Description  Ferrite Chip Beads For Automotive Use
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCB1206GU700TR100QYF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NCB1206GU700TR100QYF Datasheet HTML 1Page - NIC-Components Corp. NCB1206GU700TR100QYF Datasheet HTML 2Page - NIC-Components Corp. NCB1206GU700TR100QYF Datasheet HTML 3Page - NIC-Components Corp. NCB1206GU700TR100QYF Datasheet HTML 4Page - NIC-Components Corp. NCB1206GU700TR100QYF Datasheet HTML 5Page - NIC-Components Corp. NCB1206GU700TR100QYF Datasheet HTML 6Page - NIC-Components Corp. NCB1206GU700TR100QYF Datasheet HTML 7Page - NIC-Components Corp. NCB1206GU700TR100QYF Datasheet HTML 8Page - NIC-Components Corp. NCB1206GU700TR100QYF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Ferrite Chip Beads For Automotive Use
NCB_QY Series
D
D
A
B
C
100% Sn over Ni barrier
*Suitable for automotive eQuipment, sourced to special production and inspection at TS-16949 certified production site.
FEATURES
• RUGGED CONSTRUCTION IN STANDARD EIA SIZES
AEC Q-200 QUALIFIED
• EFFECTIVE EM/RFI SUPPRESSION UP TO 1GHz
• CURRENT RATINGS UP TO 2.2 AMPS
• SHARP AND HIGH IMPEDANCES AVAILABLE
• OPERATING TEMPERATURE RANGE: -55°C TO +125C°C
• SUITABLE FOR AUTOMOTIVE EQUIPMENT*
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
CHARACTERISTICS
Type
General Range
Sharp High Impedances
Sizes Available
0603. 0805, 1206
0603, 0805
Impedance Range
15
Ω ~ 2,000Ω
10
Ω ~ 2,700Ω
Impedance Tolerance
±25% Tol.
Operating Temperature Range
-55°C ~ +125°C
H
G
G
I
CASE SIZE & LAND PATTERN DIMENSIONS (mm)
EIA
Size
A
(mm)
B
(mm)
C
(mm)
D
(mm)
G
(mm)
H
(mm)
I
(mm)
0603
1.60 ± 0.15
0.80 ± 0.15
0.80 ± 0.15
0.30 ± 0.20
0.60 ~ 0.80
0.60 ~ 0.80
0.60 ~ 0.80
0805
2.0 +0.3/-0.1
1.25 ± 0.20
0.85 ± 0.20
0.50 ± 0.30
0.80 ~ 1.20
0.90 ~ 1.60
0.80 ~ 1.20
1206
3.20 ± 0.20
1.60 ± 0.20
0.85 ± 0.20
0.85 ± 0.20
1.00 ~ 1.50
1.20 ~ 2.00
1.80 ~ 2.50
PART NUMBER SYSTEM
U
050
Frequency Charateristic (see frequency response curves)
Packaging: TR = Tape and Reel
0805
Case Size
NCB
Series
301
Impedance at 100Mhz
3 digit code; first two digits are significant third digit is no. of zeros
F
RoHS Compliant
TR
DC Current Rating (see standard values and case size table)
"Y" denotes suitable for Automotive equipment, sourced to special
production and inspecition at TS-16949 certified production site.
Y
G
Type (G = General Range, S = Sharp/High Impedance)
"Q" denotes AEC Q-200 qualified
Q


Similar Part No. - NCB1206GU700TR100QYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCB1206B101TR090F NIC-NCB1206B101TR090F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
NCB1206B101TR090F NIC-NCB1206B101TR090F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
NCB1206B101TR090F NIC-NCB1206B101TR090F Datasheet
247Kb / 4P
   Ferrite Chip Beads
NCB1206B102TR030F NIC-NCB1206B102TR030F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
NCB1206B102TR030F NIC-NCB1206B102TR030F Datasheet
247Kb / 4P
   Ferrite Chip Beads
More results

Similar Description - NCB1206GU700TR100QYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCBHY NIC-NCBHY Datasheet
893Kb / 7P
   Ferrite Chip Beads For Automotive Use
logo
Murata Manufacturing Co...
BLM21BD272SH1L MURATA-BLM21BD272SH1L Datasheet
134Kb / 6P
   For Automotive Chip Ferrite Beads for Automotive
BLM21PG221SH1D MURATA-BLM21PG221SH1D Datasheet
66Kb / 3P
   For Automotive Chip Ferrite Beads for Automotive
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com