Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIN-HJ330_TRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NIN-HJ330_TRF
Description  Wirewound Chip Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN-HJ330_TRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NIN-HJ330_TRF Datasheet HTML 1Page - NIC-Components Corp. NIN-HJ330_TRF Datasheet HTML 2Page - NIC-Components Corp. NIN-HJ330_TRF Datasheet HTML 3Page - NIC-Components Corp. NIN-HJ330_TRF Datasheet HTML 4Page - NIC-Components Corp. NIN-HJ330_TRF Datasheet HTML 5Page - NIC-Components Corp. NIN-HJ330_TRF Datasheet HTML 6Page - NIC-Components Corp. NIN-HJ330_TRF Datasheet HTML 7Page - NIC-Components Corp. NIN-HJ330_TRF Datasheet HTML 8Page - NIC-Components Corp. NIN-HJ330_TRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
15
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Wirewound Chip Inductors
NIN-H Series
NIC
P/N
INDUCTANCE
TOLERANCE
INDUCTANCE
VALUE (nH)
FREQUENCY
(MHz)
Q FACTOR
SRF
(MHz)
Minimum
Rated DC
Resistance
(ohms)
Rated DC
Current
(mA)
NIN-HK1N0STRF
S
1.0
250
16@250MHz
7000
0.054
1360
NIN-HK2N0STRF
S
2.0
250
19@250MHz
7000
0.084
1040
NIN-HK2N2STRF
S
2.2
250
19@250MHz
7000
0.084
960
NIN-HK2N7STRF
S
2.7
250
19@250MHz
7000
0.095
840
NIN-HK3N3STRF
S
3.3
250
19@250MHz
7000
0.079
840
NIN-HK3N9STRF
S
3.9
250
19@250MHz
6000
0.079
840
NIN-HK5N2JTRF
J
5.2
250
20@250MHz
4800
0.120
640
NIN-HK5N6JTRF
J
5.6
250
20@250MHz
4700
0.099
760
NIN-HK6N8JTRF
J
6.8
250
20@250MHz
4800
0.099
680
NIN-HK8N2JTRF
J
8.2
250
21@250MHz
4400
0.136
680
NIN-HK8N5JTRF
J
8.5
250
24@250MHz
4400
0.150
680
NIN-HK9N0JTRF
J
9.0
250
24@250MHz
3900
0.170
680
NIN-HK100JTRF
J
10
250
21@250MHz
3900
0.240
480
NIN-HK120JTRF
J
12
250
24@250MHz
3600
0.168
640
NIN-HK150JTRF
J
15
250
24@250MHz
3300
0.204
560
NIN-HK180JTRF
J
18
250
24@250MHz
3100
0.276
420
NIN-HK220JTRF
J
22
250
24@250MHz
2800
0.360
400
NIN-HK270JTRF
J
27
250
24@250MHz
2500
0.360
400
NIN-HK330JTRF
J
33
250
24@250MHz
2400
0.450
400
NIN-HK360JTRF
J
36
250
24@250MHz
2320
0.440
320
NIN-HK390JTRF
J
39
250
25@250MHz
2100
0.660
200
NIN-HK430JTRF
J
43
200
25@250MHz
2000
0.744
175
NIN-HK470JTRF
J
47
200
20@250MHz
2100
0.792
175
NIN-HK560JTRF
J
56
200
22@250MHz
1800
0.780
175
NIN-HK680JTRF
J
68
200
22@250MHz
1600
0.912
150
NIN-HK SERIES
K-SIZE (0402)
STANDARD VALUES


Similar Part No. - NIN-HJ330_TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN-HJ330JTRF NIC-NIN-HJ330JTRF Datasheet
522Kb / 6P
   Wirewound Chip Inductors
NIN-HJ330JTRF NIC-NIN-HJ330JTRF Datasheet
132Kb / 6P
   SIZES K(0402), J (0603), D (0805) AND C (1008)
More results

Similar Description - NIN-HJ330_TRF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com