Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFCC12252ADTPF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NFCC12252ADTPF
Description  Surface Mount Fuse
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFCC12252ADTPF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NFCC12252ADTPF Datasheet HTML 1Page - NIC-Components Corp. NFCC12252ADTPF Datasheet HTML 2Page - NIC-Components Corp. NFCC12252ADTPF Datasheet HTML 3Page - NIC-Components Corp. NFCC12252ADTPF Datasheet HTML 4Page - NIC-Components Corp. NFCC12252ADTPF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Fuse
NFCC & NFHC Series
Part Number
Case Size Current Rating
@ +70°C
Marking
Symbol
Internal (Cold)
Resistance
(m
Ω) max.
Melting I2T
(t=1ms)
(A2×s) typical
Voltage Drop
(R/C x 100)
mV typical
Rated
Voltage
(DC)
Breaking
Capacity
(Amps)
Time/Current
Characteristics
Current Pre-arc
time
NFCC04 201ADPAF
0402
0.2
Z
1000
0.0005929
199
24
35
250%
5 sec.
max.
NFCC04 251ADPAF
0.25
C
750
0.0008464
172
NFCC04 321ADPAF
0.315
D
620
0.00169
153
NFCC04 401ADPAF
0.4
E
340
0.0023104
139
NFCC04 501ADPAF
0.5
F
290
0.004305625
125
NFCC04 631ADPAF
0.63
I
210
0.00625
121
NFCC04 801ADPAF
0.8
K
150
0.0119025
121
NFCC04 102ADPAF
1.0
L
120
0.0207025
114
NFCC04 132ADPAF
1.25
M
90
0.03364
110
NFHC04 162ADPAF
1.6
N
55
0.0442225
86
NFHC04 202ADPAF
2.0
S
40
0.07744
86
NFHC04 252ADPAF
2.5
T
36
0.15625
36
NFHC04 322ADPAF
3.15
U
26
0.37636
26
NFCC06 151ADTPF
0603
0.15
0D
4000
0.00036
521
32
35
250%
5 sec.
max.
NFCC06 201ADTPF
0.2
ZD
1800
0.00081
347
NFCC06 251ADTPF
0.250
CD
1000
0.0011025
209
NFCC06 321ADTPF
0.315
DD
750
0.00169
208
NFCC06 401ADTPF
0.4
ED
330
0.0023104
126
NFCC06 501ADTPF
0.5
FD
280
0.0036864
124
NFCC06 631ADTPF
0.63
ID
200
0.00676
126
NFCC06 801ADTPF
0.8
KD
130
0.0105625
97
NFCC06 102ADTPF
1.0
LD
110
0.016
107
NFCC06 132ADTPF
1.25
MD
85
0.03249
98
NFCC06 162ADTPF
1.6
ND
70
0.064
107
NFCC06 202ADTPF
2.0
SD
55
0.13689
106
NFCC06 252ADTPF
2.5
TD
45
0.23716
109
NFHC06 322ADTPF
3.15
UD
26
0.4
88
24
35
250%
5 sec.
max.
NFHC06 402ADTPF
4.0
XD
19
0.784
90
NFCC08 401ADTPF
0805
0.4
401
330
0.0024025
123
50
50
250%
5 sec.
max.
NFCC08 501ADTPF
0.5
501
270
0.0033489
120
NFCC08 631ADTPF
0.63
631
190
0.0044944
114
NFCC08 801ADTPF
0.8
801
130
0.0093025
96
NFCC08 102ADTPF
1.0
102
100
0.01444
102
NFCC08 132ADTPF
1.25
132
80
0.02704
99
NFCC08 162ADTPF
1.6
162
65
0.0442225
102
NFCC08 202ADTPF
2.0
202
55
0.09025
115
NFCC08 252ADTPF
2.5
252
40
0.13456
110
NFHC08 322ADTPF
3.15
UD
26
0.46225
85
32
50
250%
5 sec.
max.
NFHC08 402ADTPF
4.0
XD
19
0.841
82
NFHC08 502ADTPF
5.0
YD
14
1.48225
70
24
NFCC12 201ADTPF
1206
0.2
201
1800
0.000570025
341
50
50
250%
5 sec.
max.
NFCC12 251ADTPF
0.25
251
1000
0.0009216
227
NFCC12 321ADTPF
0.315
321
750
0.0015129
213
NFCC12 401ADTPF
0.4
401
350
0.0024025
141
NFCC12 501ADTPF
0.5
501
295
0.0033124
115
NFCC12 631ADTPF
0.63
631
200
0.0058564
127
NFCC12 801ADTPF
0.8
801
140
0.0087025
114
NFCC12 102ADTPF
1.0
102
110
0.0156025
103
NFCC12 132ADTPF
1.25
132
85
0.02916
104
NFCC12 152ADTPF
1.5
152
78
0.04624
101
NFCC12 162ADTPF
1.6
162
75
0.0664225
110
NFCC12 202ADTPF
2.0
202
65
0.1
109
NFCC12 252ADTPF
2.5
252
45
0.18769
111
NFHC12 322ADTPF
3.15
UD
26
0.4
90
32
50
250%
5 sec.
max.
NFHC12 402ADTPF
4.0
XD
19
0.784
84
NFHC12 502ADTPF
5.0
YD
14
1.40625
83
AVAILABLE VALUES AND RATINGS


Similar Part No. - NFCC12252ADTPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NFCC12252ADTPF NIC-NFCC12252ADTPF Datasheet
96Kb / 5P
   Surface Mount Fuse
More results

Similar Description - NFCC12252ADTPF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT06V5TR20 ETC-CT06V5TR20 Datasheet
356Kb / 6P
   Surface Mount Fuse
logo
NIC-Components Corp.
NFVC-H NIC-NFVC-H Datasheet
102Kb / 4P
   Surface Mount Fuse
NFCC_NFHC NIC-NFCC_NFHC Datasheet
96Kb / 5P
   Surface Mount Fuse
NFSC NIC-NFSC Datasheet
95Kb / 3P
   Surface Mount Fuse
NFVC NIC-NFVC Datasheet
102Kb / 4P
   Surface Mount Fuse
NFVC-S NIC-NFVC-S Datasheet
225Kb / 4P
   Surface Mount Fuse
logo
Schurter Inc.
0001.2706.11 SCHURTER-0001.2706.11 Datasheet
457Kb / 3P
   Surface Mount Fuse
0001.2704.11 SCHURTER-0001.2704.11 Datasheet
458Kb / 3P
   Surface Mount Fuse
logo
Littelfuse
0242.050HAT1 LITTELFUSE-0242.050HAT1 Datasheet
488Kb / 1P
   BARRIER FUSE SURFACE MOUNT
logo
Schurter Inc.
FUSEKITUMT-H SCHURTER-FUSEKITUMT-H Datasheet
165Kb / 2P
   Fuse Kit Surface Mount Fuse UMT-H
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com