Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLA1006JR380TRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NLA1006JR380TRF
Description  Wound Air Core Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLA1006JR380TRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NLA1006JR380TRF Datasheet HTML 1Page - NIC-Components Corp. NLA1006JR380TRF Datasheet HTML 2Page - NIC-Components Corp. NLA1006JR380TRF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NIC
P/N
'L'
Inductance
(nH)
Tolerance
'Q'
Factor
(min.)
Test
Freq.
SRF
MHz
(min.)
DC
Resistance
(m
Ω) Max.
Rated
DC Current
(A) Max.
NLA0403K2N5TRF
2.5
±10%
145
150MHz
12500
1.1
4.0
NLA0403K5N0TRF
5.0
±10%
140
6500
1.8
4.0
NLA0403J8N0TRF
8.0
±5%
140
5000
2.6
4.0
NLA0403J12N5TRF
12.5
±5%
137
3300
3.4
4.0
NLA0403J18N5TRF
18.5
±5%
132
2500
3.9
4.0
NLA0403 SERIES
VALUES AND SPECIFICATIONS
Wound Air Core Inductors
NLA Series
Maximum temperature rise at maximum rated current is +15°C
NIC
P/N
'L'
Inductance
(nH)
Tolerance
'Q'
Factor
(min.)
Test
Freq.
SRF
MHz
(min.)
DC
Resistance
(m
Ω) Max.
Rated
DC Current
(A) Max.
NLA0504J22NTRF
22
±5%
100
150MHz
3200
4.2
3.0
NLA0504J27NTRF
27
±5%
100
2700
4.0
3.5
NLA0504J33NTRF
33
±5%
100
2500
4.8
3.0
NLA0504J39NTRF
39
±5%
100
2100
4.4
3.0
NLA0504J47NTRF
47
±5%
100
2100
5.6
3.0
NLA0504J56NTRF
56
±5%
100
1500
6.2
3.0
NLA0504J68NTRF
68
±5%
100
1500
8.2
2.5
NLA0504J82NTRF
82
±5%
100
1300
9.4
2.5
NLA0504JR10TRF
100
±5%
100
1200
12.3
1.7
NLA0504JR12TRF
120
±5%
100
1100
17.3
1.5
NLA0504 SERIES
VALUES AND SPECIFICATIONS
Maximum temperature rise at maximum rated current is +15°C
NIC
P/N
'L'
Inductance
(nH)
Tolerance
'Q'
Factor
(min.)
Test
Freq.
SRF
MHz
(min.)
DC
Resistance
(m
Ω) Max.
Rated
DC Current
(A) Max.
NLA0703J17N5TRF
17.5
±5%
100
150MHz
2200
4.5
4.0
NLA0703J22NTRF
22
±5%
102
2100
5.2
4.0
NLA0703J28NTRF
28
±5%
105
1800
6.0
4.0
NLA0703J35N5TRF
35.5
±5%
112
1500
6.8
4.0
NLA0703J43NTRF
43
±5%
106
1200
7.9
4.0
NLA0703 SERIES
VALUES AND SPECIFICATIONS
Maximum temperature rise at maximum rated current is +15°C
NIC
P/N
'L'
Inductance
(nH)
Tolerance
'Q'
Factor
(min.)
Test
Freq.
SRF
MHz
(min.)
DC
Resistance
(m
Ω) Max.
Rated
DC Current
(A) Max.
NLA1006J90NTRF
90
±5%
95
50MHz
1140
15.0
3.5
NLA1006JR111TRF
111
±5%
87
1020
15.0
3.5
NLA1006JR130TRF
130
±5%
87
900
20.0
3.0
NLA1006JR169TRF
169
±5%
95
875
25.0
3.0
NLA1006JR206TRF
206
±5%
95
800
30.0
3.0
NLA1006JR222TRF
222
±5%
92
730
35.0
3.0
NLA1006JR246TRF
246
±5%
95
685
35.0
3.0
NLA1006JR307TRF
307
±5%
95
660
35.0
3.0
NLA1006JR380TRF
380
±5%
95
590
50.0
2.5
NLA1006JR422TRF
422
±5%
95
540
60.0
2.5
NLA1006JR491TRF
491
±5%
95
535
65.0
2.0
NLA1006JR538TRF
538
±5%
87
490
90.0
2.0
NLA1006 SERIES
VALUES AND SPECIFICATIONS
Maximum temperature rise at maximum rated current is +15°C


Similar Part No. - NLA1006JR380TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NLA100M VISHAY-NLA100M Datasheet
76Kb / 3P
   Quartz Crystals
01-Jan-2022
More results

Similar Description - NLA1006JR380TRF

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-1238 RENCO-RL-1238 Datasheet
1Mb / 2P
   AIR CORE INDUCTORS BOBBIN WOUND
RL-1233 RENCO-RL-1233 Datasheet
339Kb / 2P
   AIR CORE INDUCTORS BOBBIN WOUND
RL-1239 RENCO-RL-1239 Datasheet
1Mb / 2P
   AIR CORE INDUCTORS BOBBIN WOUND
logo
API Delevan
4726R API-4726R Datasheet
1Mb / 1P
   Air Core Inductors
logo
Coilcraft lnc.
NA5931 COILCRAFT-NA5931_14 Datasheet
228Kb / 2P
   Air Core Inductors
GA3092-AL COILCRAFT-GA3092-AL Datasheet
213Kb / 2P
   Air Core Inductors
logo
API Delevan
4426R API-4426R Datasheet
1Mb / 1P
   Air Core Inductors
logo
List of Unclassifed Man...
4426-1 ETC1-4426-1 Datasheet
39Kb / 1P
   Air Core Inductors
5526-1 ETC1-5526-1 Datasheet
30Kb / 1P
   Air Core Inductors
logo
API Delevan
5526R API-5526R Datasheet
1Mb / 1P
   Air Core Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com